Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVE63C-ABCA-35 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LVE63C-ABCA-35
Description  Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVE63C-ABCA-35 Datasheet(HTML) 4 Page - OSRAM GmbH

  LVE63C-ABCA-35 Datasheet HTML 1Page - OSRAM GmbH LVE63C-ABCA-35 Datasheet HTML 2Page - OSRAM GmbH LVE63C-ABCA-35 Datasheet HTML 3Page - OSRAM GmbH LVE63C-ABCA-35 Datasheet HTML 4Page - OSRAM GmbH LVE63C-ABCA-35 Datasheet HTML 5Page - OSRAM GmbH LVE63C-ABCA-35 Datasheet HTML 6Page - OSRAM GmbH LVE63C-ABCA-35 Datasheet HTML 7Page - OSRAM GmbH LVE63C-ABCA-35 Datasheet HTML 8Page - OSRAM GmbH LVE63C-ABCA-35 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2006-04-13
4
LB E63C, LV E63C, LT E63C
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LB
LV
LT
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 30 mA
λ
peak
464
501
520
nm
Dominantwellenlänge
5) Seite 18
Dominant wavelength
5) page 18
I
F = 30 mA
λ
dom
469*
± 6
503*
± 6
525*
± 9
nm
Spektrale Bandbreite bei 50 %
E
rel max
(typ.)
Spectral bandwidth at 50 %
E
rel max
I
F = 30 mA
∆λ
25
30
33
nm
Abstrahlwinkel bei 50 %
E
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
E
V
2
ϕ
20
20
20
Grad
deg.
Durchlassspannung
6) Seite 18
(min.)
Forward voltage
6) page 18
(typ.)
I
F = 30 mA
(max.)
V
F
V
F
V
F
3.3
3.9
4.4
3.3
3.8
4.4
3.3
3.8
4.4
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 30 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.05
0.03
0.04
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 30 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.04
0.05
0.05
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 30 mA; –10°C ≤ T ≤ 100°C
TC
V
– 5.0
– 3.6
– 3.6
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 30 mA
η
opt
3
10
13
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5


Similar Part No. - LVE63C-ABCA-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVE63C-ABCA-35 OSRAM-LVE63C-ABCA-35 Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
More results

Similar Description - LVE63C-ABCA-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE67C OSRAM-LBE67C Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com