Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF00480BA02643S Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # SF00480BA02643S
Description  480 MHz SAW Filter 12 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF00480BA02643S Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  SF00480BA02643S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF00480BA02643S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF00480BA02643S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
480 MHz SAW Filter
12 MHz Bandwidth
Part Number SF00480BA02643S
IDT
•••• SAW Products •••• 324 Clark Street, Worcester, MA 01606, USA •••• Ph 1-508-852-5400 •••• Fax 1-508-852-8456
www.idt.com
DSSF00480A02643S
Rev X2
24-Aug-2009
Page 1 of 3
DESCRIPTION
480 MHz SAW bandpass filter with 12 MHz bandwidth.
7.0 X 5.0 mm ceramic LCC package.
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal: 10 MHz/Div
Center Freq. 480 MHz
Horizontal: 0.3MHz/Div
S21 Response
Pass band Response: (Span 20 MHz)
dB
dB
usec


Similar Part No. - SF00480BA02643S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF00480BA02643S APITECH-SF00480BA02643S Datasheet
170Kb / 3P
   480 MHz SAW Filter 12 MHz Bandwidth
More results

Similar Description - SF00480BA02643S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF00480BA02643S APITECH-SF00480BA02643S Datasheet
170Kb / 3P
   480 MHz SAW Filter 12 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0864BA02510S SPECTRUM-SF0864BA02510S Datasheet
149Kb / 3P
   864 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF0140BA03115S APITECH-SF0140BA03115S Datasheet
156Kb / 3P
   140 MHz SAW Filter 12 MHz Bandwidth
SF0325BA02633S APITECH-SF0325BA02633S Datasheet
400Kb / 3P
   325 MHz SAW Filter 12 MHz Bandwidth
SF0868BA02512S APITECH-SF0868BA02512S Datasheet
165Kb / 3P
   868 MHz SAW Filter 12 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0868BA02512S SPECTRUM-SF0868BA02512S Datasheet
165Kb / 3P
   868 MHz SAW Filter 12 MHz Bandwidth
SF0869BA02504S SPECTRUM-SF0869BA02504S Datasheet
133Kb / 3P
   869 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02504S APITECH-SF0869BA02504S Datasheet
133Kb / 3P
   869 MHz SAW Filter 12 MHz Bandwidth
MN95015 APITECH-MN95015 Datasheet
77Kb / 3P
   1030 MHz SAW Filter 12 MHz Bandwidth
SF0864BA02510S APITECH-SF0864BA02510S Datasheet
149Kb / 3P
   864 MHz SAW Filter 12 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com