Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N2530-5002-RB Datasheet(PDF) 3 Page - 3M Electronics

Part # N2530-5002-RB
Description  4-Wall Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N2530-5002-RB Datasheet(HTML) 3 Page - 3M Electronics

  N2530-5002-RB Datasheet HTML 1Page - 3M Electronics N2530-5002-RB Datasheet HTML 2Page - 3M Electronics N2530-5002-RB Datasheet HTML 3Page - 3M Electronics N2530-5002-RB Datasheet HTML 4Page - 3M Electronics N2530-5002-RB Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M4-Wall Header
.100
″ × .100″ Low Profile, Straight and Right Angle
2500 Series
TS-0770-15
Sheet 3 of 4
Inch
± .005
± .1
± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
[mm]
Ordering Information
N25XX-50XX-RB
Pin Quantity:
(See Table 1)
Notes:
1. Notches A & C will accomodate 3M Polarizing Keys (3M Part #N3518).
2. Contacts tails .0245 [0.622] crowned wire with .0075 [0.191] corner radii & .028 [.072] diagonal.
3. See page 4 for kink tail positions.
AB
10
.788 [20.02]
.708 [17.98]
BC
14
.988 [25.10]
.908 [22.06]
B C D E
16 1.088 [27.64] 1.008 [25.60] A B C D E
20 1.288 [32.72] 1.208 [30.68] A B C D E
24 1.488 [37.80] 1.408 [35.76] A B C D E
26 1.588 [40.34] 1.508 [38.30] A B C D E
30 1.788 [45.42] 1.708 [43.38] A B C D E
34 1.988 [50.50] 1.908 [48.46] A B C D E
40 2.288 [58.12] 2.208 [56.08] A B C D E
50 2.788 [70.82] 2.708 [68.78] A B C D E
60 3.288 [83.52] 3.208 [81.48] A B C D E
64 3.488 [88.60] 3.408 [86.56] A B C D E
Table 1
Polarizing
Notches
Dimensions
Pin
Qty
Tail
02 = for .062 [1.57] thick board
03 = for .094 to .125 [2.39 to 3.18] thick board
K2 = kinked for .062 [1.57] thick board
.112 +/- .01 [2.84] for 02 & K2 versions
.155 +/-.01 [3.94] for 03 version


Similar Part No. - N2530-5002-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N2530-6002RB 3M-N2530-6002RB Datasheet
364Kb / 5P
   100 x 100 Low Profile, Straight and Right Angle
More results

Similar Description - N2530-5002-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3793 3M-3793 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
3000 3M-3000 Datasheet
682Kb / 5P
   3M??Pak 100 4-Wall Header
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
Molex Electronics Ltd.
0416810003 MOLEX5-0416810003 Datasheet
165Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 4 Circuits
1703351217 MOLEX1-1703351217_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Left End Wall
1703351408 MOLEX1-1703351408_17 Datasheet
37Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Open End Wall
1703351428 MOLEX1-1703351428_17 Datasheet
37Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Dual End Wall
logo
FIBOX Enclosing innovat...
8522346 FIBOX-8522346 Datasheet
40Kb / 1P
   Wall fastening lug (4 pcs)
11.08.2023
4712045 FIBOX-4712045 Datasheet
40Kb / 1P
   Wall fastening lug (4 pcs)
26.07.2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com