Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPMT1003ZWS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MPMT1003ZWS
Description  Molded, SOT-23 Resistor, Surface Mount Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPMT1003ZWS Datasheet(HTML) 1 Page - Vishay Siliconix

  MPMT1003ZWS Datasheet HTML 1Page - Vishay Siliconix MPMT1003ZWS Datasheet HTML 2Page - Vishay Siliconix MPMT1003ZWS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: thinfilm@vishay.com
Document Number: 60001
10
Revision: 25-Jan-10
MPM (Divider)
Vishay Thin Film
Molded, SOT-23 Resistor, Surface Mount Network
Vishay Thin Film MPM Series Dividers provide ± 2 ppm/°C
tracking and a ratio tolerance as tight as 0.01 %, small size,
and exceptional stability for all surface mount applications.
The standard SOT-23 package format with unity and
common standard resistance divider ratios provide easy
selection for most applications requiring matched pair
resistor elements. The ratios listed are available for off the
shelf delivery. If you require a non-standard ratio, consult
the applications engineering group as we may be able to
meet your requirements.
SCHEMATIC
FEATURES
• Excellent long term ratio stability
(
ΔR ± 0.015 %, 2000 h, + 70 °C)
• Ratio tolerances to ± 0.01 %
• Low TCR tracking ± 2 ppm
• Standard JEDEC TO-236 package variation AB
• Compliant to RoHS directive 2002/95/EC
TYPICAL PERFORMANCE
Actual Size
3
12
R
1
R
2
ABSOLUTE
TRACKING
TCR
25
2
ABSOLUTE
RATIO
TOL.
0.1
0.05
STANDARD DIVIDER RATIO (R2/R1)
RATIO
R2 (
Ω)R1 (Ω)
100:1
100K
1K
50:1
50K
1K
25:1
25K
1K
20:1
20K
1K
10:1
10K
1K
9:1
9K
1K
6:1
6K
1K
5:1
10K
2K
5:1
5K
1K
4:1
8K
2K
4:1
4K
1K
2:1
10K
5K
2:1
2K
1K
1:1
50K
50K
1:1
25K
25K
1:1
10K
10K
1:1
5K
5K
1:1
2.5K
2.5K
1:1
1K
1K
1:1
500
500
1:1
250
250
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
3-
Resistance Range
250
Ω to 100 kΩ per resistor
-
TCR: Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
TCR: Tracking
± 2 ppm/°C (typical)
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.05 % to ± 1.0 %
+ 25 °C
Tolerance: Ratio
± 0.01 % to 0.5 %
+ 25 °C
Power Rating: Resistor
100 mW
Maximum at + 70 °C
Power Rating: Package
200 mW
Maximum at + 70 °C
Stability: Absolute
ΔR ± 0.05 %
2000 h at + 70 °C
Stability: Ratio
ΔR ± 0.015 %
2000 h at + 70 °C
Voltage Coefficient
0.1 ppm/V
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
< - 30 dB
-
Thermal EMF
0.2 μV/°C
-
Shelf Life Stability: Absolute
ΔR ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
ΔR ± 0.002 %
1 year at + 25 °C
P x R
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - MPMT1003ZWS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPMT1003ZT0 VISHAY-MPMT1003ZT0 Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
MPMT1003ZT1 VISHAY-MPMT1003ZT1 Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
MPMT1003ZT3 VISHAY-MPMT1003ZT3 Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
MPMT1003ZT5 VISHAY-MPMT1003ZT5 Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
MPMT1003ZTF VISHAY-MPMT1003ZTF Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
More results

Similar Description - MPMT1003ZWS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
MPD VISHAY-MPD Datasheet
280Kb / 4P
   Molded, SOT-143 Resistor Network
Revision: 17-Sep-07
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766145191A CTS-766145191A Datasheet
99Kb / 4P
   Surface Mount Resistor Network
767163203GP CTS-767163203GP Datasheet
93Kb / 4P
   Surface Mount Resistor Network
766161103G CTS-766161103G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766163271G CTS-766163271G Datasheet
99Kb / 4P
   Surface Mount Resistor Network
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com