Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMM-1-O-12-1 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # TMM-1-O-12-1
Description  TMM SERIES SMT FEMALE STRAIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

TMM-1-O-12-1 Datasheet(HTML) 1 Page - Amphenol Corporation

  TMM-1-O-12-1 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
with vacuum cap
4 - Tape & Reel without vacuum cap


Similar Part No. - TMM-1-O-12-1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TMM-1-0-20-1 AMPHENOL-TMM-1-0-20-1 Datasheet
58Kb / 2P
   TMM CONNECTOR SERIES
More results

Similar Description - TMM-1-O-12-1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TMM-1-0-20-1 AMPHENOL-TMM-1-0-20-1 Datasheet
58Kb / 2P
   TMM CONNECTOR SERIES
logo
TRACO Electronic AG
TMM60 TRACOPOWER-TMM60 Datasheet
999Kb / 4P
   AC/DC Power Supply TMM 60 Series, 60 Watt
Rev. March 16, 2023
TMM24 TRACOPOWER-TMM24 Datasheet
1Mb / 5P
   AC/DC Power Supply TMM 24 Series, 24 Watt
Rev. March 16, 2023
TMM40 TRACOPOWER-TMM40 Datasheet
997Kb / 5P
   AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
TMM40C TRACOPOWER-TMM40C Datasheet
1Mb / 5P
   AC/DC Power Supply TMM 40C Series, 40 Watt
Rev. March 16, 2023
TMM24C TRACOPOWER-TMM24C Datasheet
1Mb / 5P
   AC/DC Power Supply TMM 24C Series, 24 Watt
Rev. March 16, 2023
TMM60C TRACOPOWER-TMM60C Datasheet
1,012Kb / 4P
   AC/DC Power Supply TMM 60C Series, 60 Watt
Rev. March 16, 2023
logo
Dubilier
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 7.0MM
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27D14BS1 DUBILIER-DBCIDCB27D14BS1 Datasheet
98Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 6.4MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com