Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z50RSMR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMR
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ40Z50RSMR Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMR Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMR Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMR Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMR Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMR Datasheet HTML 9Page - Texas Instruments BQ40Z50RSMR Datasheet HTML 10Page - Texas Instruments BQ40Z50RSMR Datasheet HTML 11Page - Texas Instruments BQ40Z50RSMR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
bq40z50
SLUSBS8 – DECEMBER 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
VSHUTDOWN+
Start-up voltage
VPACK > VSHUTDOWN– + VHYS
2.05
2.25
2.45
V
Shutdown voltage
VHYS
VSHUTDOWN+ – VSHUTDOWN–
250
mV
hysteresis
PACK, SMBC, SMBD , PRES, BTP_IN, DISP
26
TS1, TS2, TS3, TS4
VREG
PTC, PTCEN, LEDCNTLA, LEDCNTLB, LEDCNTLC
VBAT
SRP, SRN
–0.2
0.2
VIN
Input voltage range
V
VC4
VVC3
VVC3 + 5
VC3
VVC2
VVC2 + 5
VC2
VVC1
VVC1 + 5
VC1
VVSS
VVSS + 5
Output voltage
VO
CHG, DSG, PCHG, FUSE
26
V
range
External PBI
CPBI
2.2
µF
capacitor
Operating
TOPR
–40
85
°C
temperature
SUPPLY CURRENT
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
INORMAL
NORMAL mode
CHG on. DSG on, no Flash write
336
µA
CHG off, DSG on, no SBS communication
75
ISLEEP
SLEEP mode
µA
CHG off, DSG off, no SBS communication
52
ISHUTDOWN
SHUTDOWN mode
1.6
µA
POWER SUPPLY CONTROL
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
BAT to VCC
VSWITCHOVER–
switchover
VBAT < VSWITCHOVER–
1.95
2.1
2.2
V
voltage
VCC to BAT
VSWITCHOVER+
switchover
VBAT > VSWITCHOVER– + VHYS
2.9
3.1
3.25
V
voltage
Switchover
VHYS
VSWITCHOVER+ – VSWITCHOVER–
1000
mV
voltage hysteresis
BAT pin, BAT = 0 V, VCC = 25 V, PACK = 25 V
1
Input Leakage
PACK pin, BAT = 25 V, VCC = 0 V, PACK = 0 V
1
ILKG
µA
current
BAT and PACK pins, BAT = 0 V, VCC = 0 V, PACK =
1
0 V, PBI = 25 V
Internal pulldown
RPD
PACK
30
40
50
k
Ω
resistance
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq40z50


Similar Part No. - BQ40Z50RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z50RSMR-R1 TI1-BQ40Z50RSMR-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
BQ40Z50RSMR-R2 TI1-BQ40Z50RSMR-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results

Similar Description - BQ40Z50RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
[Old version datasheet]   2-Series to 7-Series Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
   2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
   3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240310 RENESAS-RAJ240310 Datasheet
3Mb / 65P
   3 to 10 Series Li-ion Battery Manager
May 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com