Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QID1230015 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # QID1230015
Description  Dual IGBTMOD NX-Series Module 300 Amperes/1200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID1230015 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  QID1230015 Datasheet HTML 1Page - Powerex Power Semiconductors QID1230015 Datasheet HTML 2Page - Powerex Power Semiconductors QID1230015 Datasheet HTML 3Page - Powerex Power Semiconductors QID1230015 Datasheet HTML 4Page - Powerex Power Semiconductors QID1230015 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QID1230015
Dual IGBTMOD™ NX-Series Module
300 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
5
04/10 Rev. 0
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(INVERTER PART - TYPICAL)
100
10-5
10-4
10-3
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.066°C/W
(IGBT)
Rth(j-c) =
0.12°C/W
(FWDi)
GATE RESISTANCE, R
G, (Ω)
103
100
101
102
100
101
VCC = 600V
VGE = ±15V
IC = 300A
Tj = 125°C
Inductive Load
102
SWITCHING LOSS VS.
GATE RESISTANCE
(INVERTER PART - TYPICAL)
Eon
Eoff
GATE RESISTANCE, R
G, (Ω)
103
100
101
102
100
101
VCC = 600V
VGE = ±15V
IE = 300A
Tj = 125°C
Inductive Load
102
REVERSE RECOVERY SWITCHING LOSS VS.
GATE RESISTANCE
(INVERTER PART - TYPICAL)
EMITTER CURRENT, I
E, (AMPERES)
102
101
102
101
100
VCC = 600V
VGE = ±15V
RG = 1.0Ω
Tj = 125°C
Inductive Load
103
REVERSE RECOVERY SWITCHING LOSS VS.
EMITTER CURRENT
(INVERTER PART - TYPICAL)
Err
Err
VCC = 600V
VGE = ±15V
RG = 1.0Ω
Tj = 125°C
Inductive Load
Eon
Eoff
COLLECTOR CURRENT, I
C, (AMPERES)
102
101
102
101
100
103
SWITCHING LOSS VS.
COLLECTOR CURRENT
(INVERTER PART - TYPICAL)


Similar Part No. - QID1230015

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID1210005 POWEREX-QID1210005 Datasheet
790Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
QID1210006 POWEREX-QID1210006 Datasheet
798Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
QID1210006 POWEREX-QID1210006 Datasheet
905Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
QID1210006 POWEREX-QID1210006_14 Datasheet
905Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
QID1210007 POWEREX-QID1210007 Datasheet
608Kb / 7P
   Split Dual Si/SiC
More results

Similar Description - QID1230015

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM300DX1-24NFJ POWEREX-CM300DX1-24NFJ Datasheet
692Kb / 6P
   Dual IGBTMOD NX-Series Module 300 Amperes/1200 Volts
CM300DX-24S POWEREX-CM300DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 300 Amperes/1200 Volts
CM300DU-24H POWEREX-CM300DU-24H Datasheet
61Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
CM300DY-24H POWEREX-CM300DY-24H Datasheet
55Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
CM300DU-24NFH POWEREX-CM300DU-24NFH Datasheet
458Kb / 4P
   Dual IGBTMOD NFH-Series Module 300 Amperes/1200 Volts
QIS1260015 POWEREX-QIS1260015 Datasheet
600Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/1200 Volts
CM300DY-24NFH POWEREX-CM300DY-24NFH Datasheet
246Kb / 4P
   Dual IGBTMOD NFH-Series Module 300 Amperes/1200 Volts
CM400C1Y-24S POWEREX-CM400C1Y-24S Datasheet
1Mb / 9P
   Chopper IGBT NX-Series Module 300 Amperes/1200 Volts
CM300EXS-24S POWEREX-CM300EXS-24S Datasheet
1Mb / 9P
   Chopper IGBT NX-Series Module 300 Amperes/1200 Volts
CM300E3Y6-24NFH POWEREX-CM300E3Y6-24NFH Datasheet
455Kb / 4P
   Chopper IGBTMOD NFH-Series Module 300 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com