Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25505RGRR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25505RGRR
Description  Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25505RGRR Datasheet(HTML) 1 Page - Texas Instruments

  BQ25505RGRR Datasheet HTML 1Page - Texas Instruments BQ25505RGRR Datasheet HTML 2Page - Texas Instruments BQ25505RGRR Datasheet HTML 3Page - Texas Instruments BQ25505RGRR Datasheet HTML 4Page - Texas Instruments BQ25505RGRR Datasheet HTML 5Page - Texas Instruments BQ25505RGRR Datasheet HTML 6Page - Texas Instruments BQ25505RGRR Datasheet HTML 7Page - Texas Instruments BQ25505RGRR Datasheet HTML 8Page - Texas Instruments BQ25505RGRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
bq25505
www.ti.com
SLUSBJ3B – AUGUST 2013 – REVISED JANUARY 2014
Ultra Low Power Boost Charger with Battery Management and Autonomous Power
Multiplexor for Primary Battery in Energy Harvester Applications
Check for Samples: bq25505
1
FEATURES
Ultra Low Power With High Efficiency DC/DC
Integrated MPPT for optimal energy
Boost Charger
extraction from a variety of energy
harvesters
Cold-Start Voltage: VIN ≥ 330 mV
Gate Drivers for Primary (Non-rechargeable)
Continuous Energy Harvesting From Input
and Secondary (rechargeable) Storage
Sources as low as 100 mV
Element Multiplexing
Ultra Low Quiescent Current of 325 nA
Autonomous switching based on VBAT_OK
Input Voltage Regulation Prevents
Break-before-make prevents system rail
Collapsing High Impedance Input Sources
droop
Ship Mode with < 5 nA From Battery
Energy Storage
APPLICATIONS
Energy can be Stored to Re-Chargeable Li-
Energy Harvesting
ion Batteries, Thin-film Batteries, Super-
Solar Charger
Capacitors, or Conventional Capacitors
Thermal Electric Generator (TEG) Harvesting
Battery Charging and Protection
Wireless Sensor Networks (WSN)
Internally Set Undervoltage Level
Industrial Monitoring
User Programmable Overvoltage Level
Environmental Monitoring
Battery Good Output Flag
Bridge and Structural Health Monitoring (SHM)
Programmable Threshold and Hysteresis
Smart Building Controls
Warn Attached Microcontrollers of Pending
Portable and Wearable Health Devices
Loss of Power
Entertainment System Remote Controls
Can be Used to Enable/Disable System
Loads
Programmable Maximum Power Point Tracking
(MPPT)
DESCRIPTION
The bq25505 is the first of a new family of intelligent integrated energy harvesting Nano-Power management
solutions that are well suited for meeting the special needs of ultra low power applications. The product is
specifically designed to efficiently acquire and manage the microwatts (µW) to miliwatts (mW) of power
generated from a variety of DC sources like photovoltaic (solar) or thermal electric generators (TEGs). The
bq25505 is a highly efficient boost charger targeted toward products and systems, such as wireless sensor
networks (WSN) which have stringent power and operational demands. The design of the bq25505 starts with a
DCDC boost charger that requires only microwatts of power to begin operating.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ25505RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power
More results

Similar Description - BQ25505RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
logo
Analog Devices
ADP5360 AD-ADP5360 Datasheet
1Mb / 60P
   Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
logo
Texas Instruments
BQ25570 TI1-BQ25570 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
BQ25570 TI1-BQ25570_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
BQ25504 TI-BQ25504 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Low Power Boost Converter with Battery Management for Energy Harvester Applications
logo
Monolithic Power System...
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
   2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
   1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com