Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27441DRZT-G1B Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27441DRZT-G1B
Description  System-Side Impedance Track Fuel Gauge
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27441DRZT-G1B Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27441DRZT-G1B Datasheet HTML 4Page - Texas Instruments BQ27441DRZT-G1B Datasheet HTML 5Page - Texas Instruments BQ27441DRZT-G1B Datasheet HTML 6Page - Texas Instruments BQ27441DRZT-G1B Datasheet HTML 7Page - Texas Instruments BQ27441DRZT-G1B Datasheet HTML 8Page - Texas Instruments BQ27441DRZT-G1B Datasheet HTML 9Page - Texas Instruments BQ27441DRZT-G1B Datasheet HTML 10Page - Texas Instruments BQ27441DRZT-G1B Datasheet HTML 11Page - Texas Instruments BQ27441DRZT-G1B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
tSU(STA)
SCL
SDA
tw(H)
tw(L)
tf
tr
t(BUF)
tr
td(STA)
REPEATED
START
th(DAT)
tsu(DAT)
tf
tsu(STOP)
STOP
START
bq27441-G1
SLUSBH1A – NOVEMBER 2013 – REVISED JANUARY 2014
www.ti.com
I
2C-COMPATIBLE INTERFACE COMMUNICATION TIMING CHARACTERISTICS
TA = –40°C to 85°C; typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted) (Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standard Mode (100 kHz)
td(STA)
Start to first falling edge of SCL
4
μs
tw(L)
SCL pulse duration (low)
4.7
μs
tw(H)
SCL pulse duration (high)
4
μs
tsu(STA)
Setup for repeated start
4.7
μs
tsu(DAT)
Data setup time
Host drives SDA
250
ns
th(DAT)
Data hold time
Host drives SDA
0
ns
tsu(STOP)
Setup time for stop
4
μs
t(BUF)
Bus free time between stop and
Includes Command Waiting Time
66
μs
start
tf
SCL/SDA fall time (1)
300
ns
tr
SCL/SDA rise time (1)
300
ns
fSCL
Clock frequency(2)
100
kHz
Fast Mode (400 kHz)
td(STA)
Start to first falling edge of SCL
600
ns
tw(L)
SCL pulse duration (low)
1300
ns
tw(H)
SCL pulse duration (high)
600
ns
tsu(STA)
Setup for repeated start
600
ns
tsu(DAT)
Data setup time
Host drives SDA
100
ns
th(DAT)
Data hold time
Host drives SDA
0
ns
tsu(STOP)
Setup time for stop
600
ns
t(BUF)
Bus free time between stop and
Includes Command Waiting Time
66
μs
start
tf
SCL/SDA fall time (1)
300
ns
tr
SCL/SDA rise time (1)
300
ns
fSCL
Clock frequency(2)
400
kHz
(1)
Specified by design. Not production tested.
(2)
If the clock frequency (fSCL) is > 100 kHz, use 1-byte write commands for proper operation. All other transactions types are supported at
400 kHz. (Refer to I2C INTERFACE and I2C Command Waiting Time)
Figure 2. I2C-Compatible Interface Timing Diagrams
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq27441-G1


Similar Part No. - BQ27441DRZT-G1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZR-G1 TI1-BQ27410DRZR-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZT-G1 TI1-BQ27410DRZT-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27441DRZT-G1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com