Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27411DRZT-G1C Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27411DRZT-G1C
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27411DRZT-G1C Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27411DRZT-G1C Datasheet HTML 2Page - Texas Instruments BQ27411DRZT-G1C Datasheet HTML 3Page - Texas Instruments BQ27411DRZT-G1C Datasheet HTML 4Page - Texas Instruments BQ27411DRZT-G1C Datasheet HTML 5Page - Texas Instruments BQ27411DRZT-G1C Datasheet HTML 6Page - Texas Instruments BQ27411DRZT-G1C Datasheet HTML 7Page - Texas Instruments BQ27411DRZT-G1C Datasheet HTML 8Page - Texas Instruments BQ27411DRZT-G1C Datasheet HTML 9Page - Texas Instruments BQ27411DRZT-G1C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
tSU(STA)
SCL
SDA
tw(H)
tw(L)
tf
tr
t(BUF)
tr
td(STA)
REPEATED
START
th(DAT)
tsu(DAT)
tf
tsu(STOP)
STOP
START
bq27411-G1
SLUSBN7 – JANUARY 2014
www.ti.com
I
2C-COMPATIBLE INTERFACE COMMUNICATION TIMING CHARACTERISTICS
TA = –40°C to 85°C; typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted) (Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standard Mode (100 kHz)
td(STA)
Start to first falling edge of SCL
4
μs
tw(L)
SCL pulse duration (low)
4.7
μs
tw(H)
SCL pulse duration (high)
4
μs
tsu(STA)
Setup for repeated start
4.7
μs
tsu(DAT)
Data setup time
Host drives SDA
250
ns
th(DAT)
Data hold time
Host drives SDA
0
ns
tsu(STOP)
Setup time for stop
4
μs
t(BUF)
Bus free time between stop and
Includes Command Waiting Time
66
μs
start
tf
SCL/SDA fall time (1)
300
ns
tr
SCL/SDA rise time (1)
300
ns
fSCL
Clock frequency(2)
100
kHz
Fast Mode (400 kHz)
td(STA)
Start to first falling edge of SCL
600
ns
tw(L)
SCL pulse duration (low)
1300
ns
tw(H)
SCL pulse duration (high)
600
ns
tsu(STA)
Setup for repeated start
600
ns
tsu(DAT)
Data setup time
Host drives SDA
100
ns
th(DAT)
Data hold time
Host drives SDA
0
ns
tsu(STOP)
Setup time for stop
600
ns
t(BUF)
Bus free time between stop and
Includes Command Waiting Time
66
μs
start
tf
SCL/SDA fall time (1)
300
ns
tr
SCL/SDA rise time (1)
300
ns
fSCL
Clock frequency(2)
400
kHz
(1)
Specified by design. Not production tested.
(2)
If the clock frequency (fSCL) is > 100 kHz, use 1-byte write commands for proper operation. All other transactions types are supported at
400 kHz. (Refer to I2C INTERFACE and I2C Command Waiting Time)
Figure 1. I2C-Compatible Interface Timing Diagrams
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: bq27411-G1


Similar Part No. - BQ27411DRZT-G1C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZR-G1 TI1-BQ27410DRZR-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZT-G1 TI1-BQ27410DRZT-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
More results

Similar Description - BQ27411DRZT-G1C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com