Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500412 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500412
Description  Low System Cost, Wireless Power Controller for WPC TX A6
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500412 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ500412 Datasheet HTML 3Page - Texas Instruments BQ500412 Datasheet HTML 4Page - Texas Instruments BQ500412 Datasheet HTML 5Page - Texas Instruments BQ500412 Datasheet HTML 6Page - Texas Instruments BQ500412 Datasheet HTML 7Page - Texas Instruments BQ500412 Datasheet HTML 8Page - Texas Instruments BQ500412 Datasheet HTML 9Page - Texas Instruments BQ500412 Datasheet HTML 10Page - Texas Instruments BQ500412 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
bq500412
www.ti.com
SLUSBO2A – NOVEMBER 2013 – REVISED DECEMBER 2013
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NO.
NAME
1
COIL_PEAK
I
Connected to peak detect circuit. Protects from coil overvoltage event.
2
Sensor Input. Device shuts down when below 1 V for longer than 150ms. If not used, keep
T_SENSE
I
above 1 V by connecting to the 3.3-V supply.
3
SNOOZE_CAP
I
Connected to interval timing capacitor
4
PWR_UP
I
First power-up indicator
5
RESET
I
Device reset. Use a 10-k
Ω to 100-kΩ pull-up resistor to the 3.3-V supply.
6
PMOD
O
Select for PMOD threshold
7
LED_A
I
Connect to an LED via 470-
Ω resistor for status indication. Typically GREEN
8
LED_B
I
Connect to an LED via 470-
Ω resistor for status indication. Typically RED
9
SLEEP
O
Force SLEEP (5 sec low power)
10
CLK
I/O
10-k
Ω pull-up resistor to 3.3-V supply. Please contact field for GUI application assitance.
11
DATA
I/O
10-k
Ω pull-up resistor to 3.3-V supply. Please contact field for GUI application assitance.
12
PWM Output A, controls one half of the full bridge in a phase-shifted full bridge. Switching
PWM_A
O
deadtimes must be externally generated.
13
FOD
O
Select for FOD threshold
14
RESERVED
O
Reserved. Leave open.
15
COIL_1
O
Select first coil
16
COIL_2
O
Select second coil
17
COIL_3
O
Select third coil
18
SNOOZE
O
Force SNOOZE (500ms low power)
19
RESERVED
O
Reserved, leave this pin open.
20
RESERVED
I
Reserved, connect to GND.
21
SNOOZE_CHG
O
Charge the snooze cap
22
FOD_CAL
O
Select for FOD calibration resistor
23
BUZ_AC
O
AC Buzzer Output. Outputs a 400-ms, 4-kHz AC pulse when charging begins.
24
DC Buzzer Output. Outputs a 400-ms DC pulse when charging begins. This could also be
BUZ_DC
O
connected to an LED via 470-
Ω resistor.
25
LED_C
I/O
Connect to an LED via 470-
Ω resistor for status indication. Typically YELLOW
26
RESERVED
I/O
Reserved, connect to GND.
27
RESERVED
I/O
Reserved, leave this pin open.
28
RESERVED
I/O
Reserved, leave this pin open.
29
RESERVED
I/O
Reserved, leave this pin open.
30
RESERVED
I/O
Reserved, leave this pin open.
31
GND
I/O
Reserved, connect to GND.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq500412


Similar Part No. - BQ500412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412RGZR TI1-BQ500412RGZR Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412RGZT TI1-BQ500412RGZT Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
More results

Similar Description - BQ500412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500212A TI1-BQ500212A Datasheet
937Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500212A TI1-BQ500212A_17 Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
logo
Integrated Device Techn...
P9036B IDT-P9036B Datasheet
943Kb / 24P
   12V Wireless Power Transmitter IC for TX-A6
logo
Renesas Technology Corp
P9036B RENESAS-P9036B Datasheet
1Mb / 25P
   12V Wireless Power Transmitter IC for TX-A6
Revision 1.0.0
logo
Texas Instruments
BQ500511 TI1-BQ500511 Datasheet
1Mb / 30P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
   Wireless Power Receiver Compliant with WPC
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
   5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Wurth Elektronik GmbH &...
760308101 WURTH-760308101 Datasheet
758Kb / 6P
   WE-WPC Wireless Power Charging Coil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com