Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QRA1240R30 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QRA1240R30
Description  Super Fast Recovery Diode Modules 280 Amperes/1200 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRA1240R30 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QRA1240R30 Datasheet HTML 1Page - Powerex Power Semiconductors QRA1240R30 Datasheet HTML 2Page - Powerex Power Semiconductors QRA1240R30 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QR_1240R30
Super Fast Recovery Dual Diode Modules
280 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
2
Preliminary
9/12 Rev. 2
Absolute Maximum Ratings,
Tj = 25 °C unless otherwise specified
QRD1240R30
QRC1240R30
QRF1240R30
Ratings
Symbol
QRJ1240R30
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
1200
Volts
Non-Repetitive Peak Reverse Blocking Voltage
VRSM
VRRM + 100
Volts
DC Current, TC = 80°C (Resistive Load)
IF(DC)
280
Amperes
Peak Half Cycle Non-repetitive Surge Current (t = 8.3mS, 100% VRRM Reapplied)
IFSM
TBD
Amperes
I2t for Fusing for One Cycle (t = 8.3mS, 100% VRRM Reapplied)
I2t
TBD
A2sec
Operating Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 150
°C
Maximum Mounting Torque, M6 Mounting Screw
26
in-lb
Maximum Mounting Torque, M6 Terminal Screw
26
in-lb
Module Weight (Typical)
180
Grams
V Isolation (60 Hz, Circuit to Base, All Terminals Shorted, t = 60 sec)
VRMS
2500
Volts
Electrical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reverse Leakage Current
IRRM
Rated VRRM
1.0
mA
On-State Voltage
VFM
IF = 200A
2.4
3.2
Volts
IF = 280A
2.7
3.5
Volts
Reverse Recovery Time
trr
If = 200A, di/dt = TBD
150
ns
Reverse Recovery Charge
Qrr
If = 200A, di/dt = TBD
19.2
µC
Thermal and Mechanical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case*
Rth(j-c) Q
Per Diode
0.075
°C/W
Contact Thermal Resistance, Case to Sink
Rth(c-s)
Per Module
0.05
°C/W
(Lubricated)*
*TC, Tf measured point is just under the chip.


Similar Part No. - QRA1240R30

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRA1220R30 POWEREX-QRA1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
QRA1230R30 POWEREX-QRA1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
More results

Similar Description - QRA1240R30

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRF1240R30 POWEREX-QRF1240R30 Datasheet
521Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/1200 Volts
QRD1240R30 POWEREX-QRD1240R30 Datasheet
521Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/1200 Volts
QRD0640R30 POWEREX-QRD0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRJ0640R30 POWEREX-QRJ0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRF0640R30 POWEREX-QRF0640R30 Datasheet
573Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRC0640R30 POWEREX-QRC0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRC1230R30 POWEREX-QRC1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRF1230R30 POWEREX-QRF1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRC1220R30 POWEREX-QRC1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
QRS1220R30 POWEREX-QRS1220R30 Datasheet
450Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com