Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QRM3310002 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QRM3310002
Description  Fast Recovery Diode Module 100 Amperes/3300 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRM3310002 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QRM3310002 Datasheet HTML 1Page - Powerex Power Semiconductors QRM3310002 Datasheet HTML 2Page - Powerex Power Semiconductors QRM3310002 Datasheet HTML 3Page - Powerex Power Semiconductors QRM3310002 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
QR_3310002
Fast Recovery Diode Module
100 Amperes/3300 Volts
06/13 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Absolute Maximum Ratings,
Tj = 25°C unless otherwise specified
QRD3310002
Ratings
Symbol
QRC3310002
Units
Repetitive Peak Reverse Blocking Voltage
RRM
3300
Volts
Non-Repetitive Peak Reverse Blocking Voltage
VRSM
VRRM + 100
Volts
Average Forward Current
TC = 80°C
IF(avg)
60
Amperes
TC = 25°C
IF(avg)
90
Amperes
Forward Current (Pulse)
IFM
200
Amperes
Operating Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 150
°C
Maximum Mounting Torque, #10-32 Mounting Screw
26
in-lb
Maximum Terminal Torque, #10-32 Terminal Screw
26
in-lb
Module Weight (Typical)
250
Grams
V Isolation (60 Hz, Circuit to Base, All Terminals Shorted, t = 1 sec.)
VRMS
6000
Volts
IGBT Electrical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Peak Reverse Leakage Current
IRRM
Rated VRRM
5
mA
Peak On-State Voltage
VFM
IF = 100A
3.3
4.3
Volts
Reverse Recovery Time
trr
IF = 100A, di/dt = -200A/µs
1.2
µs
Reverse Recovery Charge
Qrr
IF = 100A, di/dt = -200A/µs
25
µC
Thermal and Mechanical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)Q
Per Diode
0.20
°C/W
Thermal Resistance,
Rth(c-s)Q
Per Module
0.05
°C/W
Case to Sink Lubricated


Similar Part No. - QRM3310002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRM0620R30 POWEREX-QRM0620R30 Datasheet
520Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/600 Volts
QRM0640R30 POWEREX-QRM0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRM1220R30 POWEREX-QRM1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
QRM1230R30 POWEREX-QRM1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRM1240R30 POWEREX-QRM1240R30 Datasheet
521Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/1200 Volts
More results

Similar Description - QRM3310002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRD3310001 POWEREX-QRD3310001 Datasheet
587Kb / 4P
   Fast Recovery Diode Module 100 Amperes/3300 Volts
QRD3310002 POWEREX-QRD3310002 Datasheet
542Kb / 4P
   Fast Recovery Diode Module 100 Amperes/3300 Volts
QRC3310001 POWEREX-QRC3310001 Datasheet
587Kb / 4P
   Fast Recovery Diode Module 100 Amperes/3300 Volts
QR3310001 POWEREX-QR3310001 Datasheet
29Kb / 2P
   Fast Recovery Diode Module (100 Amp/3300 Volts)
QR3310002 POWEREX-QR3310002 Datasheet
29Kb / 2P
   Fast Recovery Diode Module (100 Amp/3300 Volts)
QID3310006 POWEREX-QID3310006 Datasheet
572Kb / 6P
   Dual IGBT HVIGBT Module 100 Amperes/3300 Volts
CS641230 POWEREX-CS641230 Datasheet
69Kb / 4P
   Fast Recovery Single Diode Module 300 Amperes/1200 Volts
CS640525 POWEREX-CS640525 Datasheet
58Kb / 2P
   Fast Recovery Single Diode Module 250 Amperes/500 Volts
RM300CA-9W POWEREX-RM300CA-9W Datasheet
65Kb / 2P
   Fast Recovery Welder Diode Module (300 Amperes/450 Volts)
CS241020 POWEREX-CS241020 Datasheet
61Kb / 2P
   Fast Recovery Single Diode Module 200 Amperes/1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com