Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34919C-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM34919C-Q1
Description  LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34919C-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM34919C-Q1 Datasheet HTML 2Page - Texas Instruments LM34919C-Q1 Datasheet HTML 3Page - Texas Instruments LM34919C-Q1 Datasheet HTML 4Page - Texas Instruments LM34919C-Q1 Datasheet HTML 5Page - Texas Instruments LM34919C-Q1 Datasheet HTML 6Page - Texas Instruments LM34919C-Q1 Datasheet HTML 7Page - Texas Instruments LM34919C-Q1 Datasheet HTML 8Page - Texas Instruments LM34919C-Q1 Datasheet HTML 9Page - Texas Instruments LM34919C-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM34919C-Q1
SNVS831A – SEPTEMBER 2013 – REVISED DECEMBER 2013
www.ti.com
Pin Descriptions (continued)
PIN
PIN NUMBER
NAME
DESCRIPTION
APPLICATION INFORMATION
NUMBER
(WSON-12)
B2
9
PGD
Power Good
Open drain. Logic output indicates when the voltage
at the FB pin has increased above 92% of the
internal reference. The falling threshold for PGD is
90% of the internal reference. An external pull-up
resistor connecting PGD pin to a voltage less than
14 V is required.
B3
8
SS
Soft-start
An internal current source charges an external
capacitor to 2.52 V, providing the soft-start function.
C1
2
ISEN
Current sense
The re-circulating current flows through the internal
sense resistor and out of this pin to the free-
wheeling diode. Valley current limit is nominally set
at 0.64 A.
C2
3
EN
Enable Pin
Pull low to disable the part for low shutdown current.
Shutdown threshold is 1.3 V (typ).
C3
10
VCC
Output from the startup regulator
Nominally regulated at 7.0 V. An external voltage (7
V - 14 V) can be applied to this pin to reduce
internal dissipation. An internal diode connects VCC
to VIN.
D1
1
VIN
Input supply voltage
Nominal input range is 4.5 V to 50 V.
D2
12
SW
Switching Node
Internally connected to the buck switch source.
Connects to the inductor, free-wheeling diode, and
bootstrap capacitor.
D3
11
BST
Boost pin for bootstrap capacitor
Connect a 0.022 µF capacitor from SW to this pin.
The capacitor is charged from VCC via an internal
diode during each off-time.
EP (WSON Only)
Exposed pad should be connected to RTN pin and
system ground for proper cooling.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM34919C-Q1


Similar Part No. - LM34919C-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
LM34919 NSC-LM34919 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34919C-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com