Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQCAVM100BAT1A Datasheet(PDF) 2 Page - AVX Corporation

Part # SQCAVM100BAT1A
Description  SQ A Case & B Case Ultra Low ESR MLC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SQCAVM100BAT1A Datasheet(HTML) 2 Page - AVX Corporation

  SQCAVM100BAT1A Datasheet HTML 1Page - AVX Corporation SQCAVM100BAT1A Datasheet HTML 2Page - AVX Corporation SQCAVM100BAT1A Datasheet HTML 3Page - AVX Corporation SQCAVM100BAT1A Datasheet HTML 4Page - AVX Corporation SQCAVM100BAT1A Datasheet HTML 5Page - AVX Corporation SQCAVM100BAT1A Datasheet HTML 6Page - AVX Corporation SQCAVM100BAT1A Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
120
8
Microwave MLC’s
SQ A Case & B Case Ultra Low ESR MLC
ELECTRICAL SPECIFICATIONS
M & A
C
Temperature Coefficient (TCC)
(M) +90 ± 20 PPM/ºC ( -55ºC to +125ºC)
±15% (-55ºC to 125ºC)
(M) +90 ± 30 PPM/ºC ( +125ºC to +175ºC)*
(A)
0 ± 30 PPM/ºC
Capacitance Range
(M) 0.1 pF to 1000 pF
0.001µF to 0.1µF
(A) 0.1 pF to 5100 pF
Operating Temperature
0.1 pF to 330 pF: from -55ºC to +175ºC*
-55°C to +125°C
360 pF to 5100 pF: from -55ºC to +125ºC
Quality Factor (Q) M Dielectric A & B Case
Greater than 10,000 at 1 MHz
2.5% @ 1kHz
A Dielectric B Case
Greater than 10,000 at 1 MHz
0.1 - 200 pF
Greater than 2,000 at 1 MHz
220 - 1000 pF
Greater than 2,000 at 1 KHz
1100 - 5100 pF
A Dielectric A Case
Greater than 10,000 at 1 MHz
0.1 - 100 pF
Greater than 2,000 at 1 MHz
110 - 1000 pF
Insulation Resistance (IR)
0.2 pF to 470 pF
10
4 Megohms min. @ 25ºC at rated WVDC
10
6 Megohms min. @ 25ºC at rated WVDC
10
3 Megohms min. @ 125ºC at rated WVDC
10
5 Megohms min. @ 125ºC at rated WVDC
510 pF to 5100 pF
10
5 Megohms min. @ 25ºC at rated WVDC
10
4 Megohms min. @ 125ºC at rated WVDC
Working Voltage (WVDC)
See Capacitance Values table
See Capacitance Values table
Dielectric Withstanding Voltage (DWV)
250% of rated WVDC for 5 secs
250% of rated WVDC for 5 secs
(for 500V rated 150% of rated voltage)
Aging Effects
None
<3% per decade hour
Piezoelectric Effects
None
None
Capacitance Drift
± (0.02% or 0.02 pF), whichever is greater
Not Applicable
Themal Shock
Mil-STD-202, Method 107, Condition A
Moisture Resistance
Mil-STD-202, Method 106
Low Voltage Humidity
Mil-STD-202, Method 103, condition A, with 1.5 VDC
applied while subjected to an environment of 85ºC with
85% relative humidity for 240 hours
Life Test
Mil-STD-202, Method 108, for 2000 hours at 125ºC
Shock
Mil-STD-202, Method 213, Condition J
Vibration
Mil-STD-202, Method 204, Condition B
Immersion
Mil-STD-202, Method 104, Condition B
Salt Spray
Mil-STD-202, Method 101, Condition B
Solderability
Mil-STD-202, Method 208
Terminal Strength
Mil-STD-202, Method 211
Temperature Cycling
Mil-STD-202, Method 102, Condition C
Barometric Pressure
Mil-STD-202, Method 105, Condition B
Resistance to Solder Heat
Mil-STD-202, Method 210, Condition C
ENVIRONMENTAL CHARACTERISTICS
AVX SQ will meet and exceed the requirements of EIA-198, MIL-PRF-55681 and MIL-PRF-123
* 175 SQCB & SQLB only


Similar Part No. - SQCAVM100BAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCA1A100BA11A AVX-SQCA1A100BA11A Datasheet
914Kb / 7P
   Microwave MLCs
SQCA1A100BA16A AVX-SQCA1A100BA16A Datasheet
914Kb / 7P
   Microwave MLCs
SQCA1A100BA71A AVX-SQCA1A100BA71A Datasheet
914Kb / 7P
   Microwave MLCs
SQCA1A100BA76A AVX-SQCA1A100BA76A Datasheet
914Kb / 7P
   Microwave MLCs
SQCA1A100BAJ1A AVX-SQCA1A100BAJ1A Datasheet
914Kb / 7P
   Microwave MLCs
More results

Similar Description - SQCAVM100BAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M390JATME AVX-SQCB7M390JATME Datasheet
914Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
logo
Vishay Siliconix
VS-GB300LH120N VISHAY-VS-GB300LH120N Datasheet
164Kb / 7P
   Low inductance case
Revision: 12-Jun-15
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
logo
Illinois Capacitor, Inc...
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com