Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQCB1A100CAT1A Datasheet(PDF) 7 Page - AVX Corporation

Part # SQCB1A100CAT1A
Description  SQ A Case & B Case Ultra Low ESR MLC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SQCB1A100CAT1A Datasheet(HTML) 7 Page - AVX Corporation

  SQCB1A100CAT1A Datasheet HTML 1Page - AVX Corporation SQCB1A100CAT1A Datasheet HTML 2Page - AVX Corporation SQCB1A100CAT1A Datasheet HTML 3Page - AVX Corporation SQCB1A100CAT1A Datasheet HTML 4Page - AVX Corporation SQCB1A100CAT1A Datasheet HTML 5Page - AVX Corporation SQCB1A100CAT1A Datasheet HTML 6Page - AVX Corporation SQCB1A100CAT1A Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
125
8
Microwave MLC’s
SQ A Case & B Case Ultra Low ESR MLC
Series Resonant Frequency
100
1000
10000
1
10
100
1000
Capacitance (pF)
SQCA
SQCB
A
D
C
B
Case
A min
B min
C min
D min
SQCA
0.082 (2.083)
0.051 (1.295)
0.032 (0.813)
0.130 (3.302)
SQCB
0.131 (3.327)
0.051 (1.295)
0.074 (1.880)
0.177 (4.496)
SQCS
0.038 (0.965)
0.043 (1.092)
0.025 (0.635)
0.112 (2.845)
SQCF
0.059 (1.499)
0.051 (1.295)
0.024 (0.610)
0.125 (3.175)
MOUNTING PAD DIMENSIONS: inches (millimeters)
SQCA & SQCB DESIGN KITS
PN
Series
Diel
Term
Range
Different Values
# per value
KITSQ100LF
SQCA
P90
100% Tin
.1 to 2pF
16
15
KITSQ400LF
C0G
RoHS
KITSQ200LF
SQCA
P90
100% Tin
1 to 10pF
16
15
KITSQ500LF
C0G
RoHS
KITSQ300LF
SQCA
P90
100% Tin
10 to 100pF
16
15
KITSQ600LF
C0G
RoHS
KITSQ700LF
SQCA
C0G
100% Tin
100 to 1000pF
16
15
RoHS
KITSQ800LF
SQCB
P90
100% Tin
1 to 10pF
16
15
KITSQ1100LF
C0G
RoHS
KITSQ900LF
SQCB
P90
100% Tin
10 to 100pF
16
15
KITSQ1200LF
C0G
RoHS
KITSQ1000LF
SQCB
P90
100% Tin
100 to 1000pF
16
15
KITSQ1300LF
C0G
RoHS
KITSQ1400LF
SQCB
C0G
100% Tin
1000 to 5100 pF
11
15
RoHS


Similar Part No. - SQCB1A100CAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB1A100CA11A AVX-SQCB1A100CA11A Datasheet
914Kb / 7P
   Microwave MLCs
SQCB1A100CA16A AVX-SQCB1A100CA16A Datasheet
914Kb / 7P
   Microwave MLCs
SQCB1A100CA71A AVX-SQCB1A100CA71A Datasheet
914Kb / 7P
   Microwave MLCs
SQCB1A100CA76A AVX-SQCB1A100CA76A Datasheet
914Kb / 7P
   Microwave MLCs
SQCB1A100CAJ1A AVX-SQCB1A100CAJ1A Datasheet
914Kb / 7P
   Microwave MLCs
More results

Similar Description - SQCB1A100CAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M390JATME AVX-SQCB7M390JATME Datasheet
914Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
logo
Vishay Siliconix
VS-GB300LH120N VISHAY-VS-GB300LH120N Datasheet
164Kb / 7P
   Low inductance case
Revision: 12-Jun-15
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
logo
Illinois Capacitor, Inc...
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com