Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBH-9-838 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QBH-9-838
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QBH-9-838 Datasheet(HTML) 1 Page - API Technologies Corp

  QBH-9-838 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
QBH-838
Specifications
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +125 ºC
Storage Temperature ................................. -65ºC to +150 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +16 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 15.0 dB Typical
!
!
!
!
! High Power: +1.0 dBm Typical
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Frequency
50 - 500 MHz
Power
Vdc
+15
mA
12
Noise Figure (dB)
1.7
VSWR
In
2.0:1
Out
2.0:1
Reverse Isolation (dB)
-25
Gain (dB)
15.0
Gain Flatness
Output Intercept point
3rd Order
+12
2nd Order
+16
Gain vs. Temperature
1 dB Compression (dBm)
+1.0
± 0.5
Typical Performance Data
Note: Specifications are guaranteed when tested in a 50 Ohm system.
Specifications indicated as typical are not guaranteed.
03/11/05
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
50
80
90
100
200
300
400
500
-16.1
-16.8
-16.8
-16.8
-15.9
-15.6
-15.9
-16.4
-45.3
-34.8
-32.7
-31.4
-43.0
-75.5
-120.6
-179.7
15.0
15.0
15.1
15.1
15.1
15.2
15.2
15.0
172.3
160.8
157.3
154.0
122.0
90.2
57.4
23.3
-33.8
-33.6
-33.5
-33.5
-32.8
-31.7
-30.6
-29.6
7.0
4.6
2.5
3.3
-4.4
-11.3
-22.6
-37.3
-23.6
-23.4
-23.3
-23.2
-22.7
-22.4
-22.5
-22.6
0.1
-9.5
-12.5
-15.4
-40.3
-69.4
-104.8
-150.2
===================================================================
Available as: QBH-838, 4 Pin TO-8 Tall (080-22502-0001)
QBH-9-838, Connectorized Housing (ES E52-1501)
12
16
15
13
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
14
17
-70
-20
-40
-60
-50
-30
-10
10
100
1000
MHz
10
100
1000
MHz
-2
3
0
-1
1
10
100
1000
MHz
1.8
1.4
1.2
1.6
2.0
10
100
1000
MHz
16
12
8
10
18
14
10
100
1000
MHz
2.5
1.0
3.0
2.0
Noise Figure (dB)
10
100
1000
MHz
1.5
1.0
Input
Output
3.5
2
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QBH-9-838

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-9-842 APITECH-QBH-9-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - QBH-9-838

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com