Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC6370-5 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FC6370-5
Description  DIRECTIONAL COUPLER DUAL BAND, 6 to 30 dB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FC6370-5 Datasheet(HTML) 1 Page - API Technologies Corp

  FC6370-5 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT
DIRECTIONAL COUPLER
SPECIFICATION
DUAL BAND, 6 to 30 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
SPECIFICATIONS
Frequency
(GHz)
Coupling
(dB)
Flatness1
(dB)
Return
Loss max
(dB)
Loss2
max
(dB)
Directivity
min
(dB)
Power
Handling
max
CW
(Watts)
PIMP
Min
(dBm)
Model
Number
6 ± 1
20
FC6370-1
10 ± 1
20
FC6370-2
16 ± 1
22
FC6370-3
20 ± 1
22
FC6370-4
0.8-2.5
30 ± 1
± .4
21
.2
22
200
>100
FC6370-5
NOTES:
1. Flatness specifies the maximum coupling variation within the coupling range.
2. Loss is the actual dissipated and reflected loss. It does NOT include coupling loss.
MISCELLANEOUS:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 071910
FC6370 SERIES
FEATURES
• 6, 10, 16 20 & 30 dB Standard Coupling Values
• Cover, Cellular, PCS & 3G Standard Communications Bands
• Type “N” Connectors Standard
• Robust Low Cost Package Design
• Low Passive Intermodulation Product (PIMP) Design
OUTLINE DRAWING


Similar Part No. - FC6370-5

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FC6-12-10Y PANDUIT-FC6-12-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3SY PANDUIT-FC6-12-3SY Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3Y PANDUIT-FC6-12-3Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-24-10Y PANDUIT-FC6-24-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-6-3 PANDUIT-FC6-6-3 Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
More results

Similar Description - FC6370-5

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-6 APITECH-C751-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756-7 APITECH-C756-7 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-7 APITECH-C755-7 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-30 APITECH-C753-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-20 APITECH-C753-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-10 APITECH-C753-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com