Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61C1301MR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC61C1301MR
Description  Low Voltage Detectors Standard Voltage Detectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C1301MR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC61C1301MR Datasheet HTML 7Page - Torex Semiconductor XC61C1301MR Datasheet HTML 8Page - Torex Semiconductor XC61C1301MR Datasheet HTML 9Page - Torex Semiconductor XC61C1301MR Datasheet HTML 10Page - Torex Semiconductor XC61C1301MR Datasheet HTML 11Page - Torex Semiconductor XC61C1301MR Datasheet HTML 12Page - Torex Semiconductor XC61C1301MR Datasheet HTML 13Page - Torex Semiconductor XC61C1301MR Datasheet HTML 14Page - Torex Semiconductor XC61C1301MR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
XC61C
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Standard Voltage (Continued)
(3) Output Voltage vs. Input Voltage
Note : The N-channel open drain pull up resistance value is 100k
Ω
.
0
1
2
3
01
23
Ta=25℃
0
1
2
3
4
01
23
4
Ta=25℃
0
1
2
3
4
5
012
34
5
Ta=25℃
0
1
2
01
2
Ta=25℃
XC61CN1802 (1
.8V)
XC61CN2702 (2
.7V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XC61CN4502
(4.5V)
XC61CN3602
(3.6V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
(4) N-ch Driver Output Current vs. VDS
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
VDS (V)
1.0V
VIN =1.5V
Ta=25℃
0
5
10
15
20
25
30
0
0.5
1.0
1.5
2.0
2.5
3.0
VDS (V)
1.0V
VIN =2.5V
Ta=25℃
1.5V
2.0V
0
10
20
30
40
0
0.5
1.0
1.5
2.0
2.5
3.0
VDS (V)
1.5V
VIN =3.0V
Ta=25℃
2.0V
2.5V
0
10
20
30
40
50
60
70
80
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VDS (V)
VIN =4.0V
Ta=25℃
1.5V
2.0V
2.5V
3.0V
3.5V
XC61CC1802
(1.8V)
XC61CC2702
(2.7V)
XC61CC4502
(4.5V)
XC61CC3602
(3.6V)
Note : The N-channel open drain pull up resistance value is 100kΩ.
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS (V)
XC61CC4502 (4.5V品)
VIN =4.0V
Ta=25℃
1.5V
2.0V
2.5V
3.0V
3.5V
XC61CC4502 (4.5V)


Similar Part No. - XC61C1301MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61C TOREX-XC61C Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LB TOREX-XC61CC0801LB Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LH TOREX-XC61CC0801LH Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LL TOREX-XC61CC0801LL Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
More results

Similar Description - XC61C1301MR

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
logo
Unisonic Technologies
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com