Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1885C1H6R8DZ01D Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # GRM1885C1H6R8DZ01D
Description  Chip Monolithic Ceramic Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1885C1H6R8DZ01D Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button GRM1885C1H6R8DZ01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM1885C1H6R8DZ01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM1885C1H6R8DZ01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM1885C1H6R8DZ01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM1885C1H6R8DZ01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM1885C1H6R8DZ01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM1885C1H6R8DZ01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM1885C1H6R8DZ01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM1885C1H6R8DZ01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
13
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
TC
Part Number
L x W [EIA]
Rated Volt.
Capacitance (Capacitance part numbering code) and T (mm) Dimension (T Dimension part numbering code)
50
(
1H)
25
(
1E)
16
(
1C)
GRM15
1.00x0.50 [0402]
10
(
1A)
100
(
2A)
50
(
1H)
25
(
1E)
16
(
1C)
GRM18
1.60x0.80 [0603]
10
(
1A)
100
(
2A)
50
(
1H)
25
(
1E)
GRM21
2.00x1.25 [0805]
16
(
1C)
100
(
2A)
50
(
1H)
25
(
1E)
16
(
1C)
X7R
(
R7)
GRM31
3.20x1.60 [1206]
10
(
1A)
68000pF
(
683)
0.80
(
8)
0.80
(
8)
1.25
(
B)
0.10
µF
(
104)
0.50
(
5)
0.50
(
5)
0.80
(
8)
0.80
(
8)
0.80
(
8)
1.25
(
B)
1.25
(
B)
0.15
µF
(
154)
0.80
(
8)
0.80
(
8)
1.25
(
B)
1.25
(
B)
0.22
µF
(
224)
0.80
(
8)
0.80
(
8)
1.25
(
B)
0.85
(
9)
0.33
µF
(
334)
0.85
(
9)
1.25
(
B)
0.85
(
9)
0.47
µF
(
474)
1.25
(
B)
1.25
(
B)
0.85
(
9)
1.15
(
M)
0.68
µF
(
684)
0.85
(
9)
0.85
(
9)
1.0
µF
(
105)
1.25
(
B)
1.15
(
M)
1.15
(
M)
0.85
(
9)
0.85
(
9)
1.5
µF
(
155)
1.60
(
C)
1.15
(
M)
2.2
µF
(
225)
1.60
(
C)
1.15
(
M)
0.85
(
9)
3.3
µF
(
335)
1.60
(
C)
4.7
µF
(
475)
1.60
(
C)
The part numbering code is shown in each ( ).
The tolerance will be changed to L: 3.2
±0.2, W: 1.6±0.2 for GRM31 16V 1.0µF type. Also L: 3.2±0.2, W: 1.6±0.2, T: 1.15±0.15 for GRM31 16V 1.5µF and 2.2µF type.
Dimensions are shown in mm and Rated Voltage in Vdc.
High Dielectric Constant Type Y5V (F5) Characteristics
TC
Part Number
L x W [EIA]
Rated Volt.
Capacitance (Capacitance part numbering code) and T (mm) Dimension (T Dimension part numbering code)
50
(
1H)
25
(
1E)
GRM15
1.00x0.50 [0402]
16
(
1C)
100
(
2A)
50
(
1H)
25
(
1E)
16
(
1C)
GRM18
1.60x0.80 [0603]
10
(
1A)
50
(
1H)
25
(
1E)
16
(
1C)
GRM21
2.00x1.25 [0805]
10
(
1A)
50
(
1H)
25
(
1E)
16
(
1C)
10
(
1A)
Y5V
(
F5)
GRM31
3.20x1.60 [1206]
6.3
(
0J)
2200pF
(
222)
0.50
(
5)
4700pF
(
472)
0.50
(
5)
0.80
(
8)
10000pF
(
103)
0.50
(
5)
0.80
(
8)
22000pF
(
223)
0.50
(
5)
0.80
(
8)
47000pF
(
473)
0.50
(
5)
0.80
(
8)
0.10
µF
(
104)
0.50
(
5)
0.50
(
5)
0.80
(
8)
0.80
(
8)
0.85
(
9)
Continued on the following page.
47000pF
(
473)
0.50
(
5)
0.80
(
8)
0.80
(
8)
1.25
(
B)
1.15
(
M)
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C02E10.pdf 04.1.20


Similar Part No. - GRM1885C1H6R8DZ01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1885C1H6R8DA01 MURATA1-GRM1885C1H6R8DA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C1H6R8DA01D MURATA1-GRM1885C1H6R8DA01D Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C1H6R8DA01J MURATA1-GRM1885C1H6R8DA01J Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM1885C1H6R8DZ01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com