Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # GRM219
Description  Chip Monolithic Ceramic Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM219 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button GRM219 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
30pFmin. : Q
U1000
30pFmax. : Q
U400W20C
C : Nominal Capacitance (pF)
[R6, R7]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V :
0.05max. (C
F3.3µF)
0.1max. (C
U3.3µF)
[E4]
W.V. : 25Vmin. : 0.025max.
[F5]
W.V. : 25Vmin.
: 0.05max. (C
F0.10µF)
: 0.09max. (C
U0.10µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3Vmax. : 0.15max.
No defects or abnormalities
Within the specified tolerance
No removal of the terminations or other defect should occur.
Adhesive Strength
of Termination
Vibration
Resistance
Deflection
10
11
12
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 2 using a eutectic solder. Then apply a force in the
direction shown in Fig. 3. The soldering should be done either
with an iron or using the reflow method and should be
conducted with care so that the soldering is uniform and free of
defects such as heat shock.
Solder the capacitor to the test jig (glass epoxy board) in the
same manner and under the same conditions as (10). The
capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each of 3 mutually perpendic-
ular directions (total of 6 hours).
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 1 using a eutectic solder. Then apply 10N
* force in parallel
with the test jig for 10
T1sec. The soldering should be done
either with an iron or using the reflow method and should be
conducted with care so that the soldering is uniform and free of
defects such as heat shock.
*2N (GRp03) 5N (GRp15,
GRM18)
High Dielectric Type
Appearance
Capacitance
Q/D.F.
c
Baked electrode or
copper foil
Solder resist
(in mm)
Fig. 1
b
a
c
100
φ4.5
Capacitance meter
Flexure :
V1
20
50
R230
Pressurizing
speed : 1.0mm/sec.
Pressurize
45
45
Fig. 3
No crack or marked defect should occur.
Type
a
b
c
GRp03
GRp15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
Type
a
b
c
GRp03
GRp15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
t : 1.6mm (GRp03/15 : 0.8mm)
Continued from the preceding page.
Continued on the following page.
(in mm)
Fig. 2
GRM Series Specifications and Test Methods
23
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C02E10.pdf 04.1.20


Similar Part No. - GRM219

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM219 ETC-GRM219 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Murata Manufacturing Co...
GRM219 MURATA-GRM219 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM219 MURATA-GRM219 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
GRM219 MURATA-GRM219 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM219 MURATA-GRM219 Datasheet
204Kb / 13P
   for Flow/Reflow Soldering GRM15/18/21/31 Series
More results

Similar Description - GRM219

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com