Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QRJ0630R30 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # QRJ0630R30
Description  Super Fast Recovery Diode Modules 210 Amperes/600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRJ0630R30 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  QRJ0630R30 Datasheet HTML 1Page - Powerex Power Semiconductors QRJ0630R30 Datasheet HTML 2Page - Powerex Power Semiconductors QRJ0630R30 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QR_0630R30
Super Fast Recovery Dual Diode Modules
210 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Preliminary
3
9/12 Rev. 2
0
1
3
4
2
5
30
ON-STATE VOLTAGE, V
FM, (VOLTS)
ON-STATE CHARACTERISTICS
(TYPICAL)
300
3000
Tj = 25°C
Tj = 125°C
ON-STATE CURRENT, I
FM, (AMPERES)
TBD
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
100
10-5
10-4
10-3
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.137°C/W
ON-STATE CURRENT, I
FM, (AMPERES)
REVERSE RECOVERY SWITCHING LOSS
(TYPICAL)
TBD
MAXIMUM ON-STATE
POWER DISSIPATION
(SINUSOIDAL WAVEFORM)
525
450
300
150
75
375
225
0
AVERAGE ON-STATE CURRENT, I
F(avg), (AMPERES)
0
30
60
90
120
150
180
MAXIMUM ALLOWABLE
CASE TEMPERATURE
(SINUSOIDAL WAVEFORM)
150
130
140
120
110
80
70
100
90
60
AVERAGE ON-STATE CURRENT, I
F(avg), (AMPERES)
0
30
60
90
120
150
180
MAXIMUM ON-STATE
POWER DISSIPATION
(RECTANGULAR WAVEFORM)
675
600
150
225
75
450
525
375
300
0
AVERAGE ON-STATE CURRENT, I
F(avg), (AMPERES)
0 30 60 90 120
180
150
210 240 270
0 30 60 90 120
180
150
210 240 270
MAXIMUM ALLOWABLE
CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
150
130
110
50
90
70
30
AVERAGE ON-STATE CURRENT, I
F(avg), (AMPERES)
180°
120°
90°
60°
30°
15°
°CONDUCTION ANGLE
0
360
180
180°
120°
90°
60°
30°
15°
°CONDUCTION ANGLE
0
360
180
360° (DC)
180°
270°
120°
90°
60°
30°
15°
°CONDUCTION ANGLE
0
360
180
270°
360°(DC)
180°
120°
90°
30°
60°
15°
°CONDUCTION ANGLE
0
360
180


Similar Part No. - QRJ0630R30

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRJ0620R30 POWEREX-QRJ0620R30 Datasheet
520Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/600 Volts
QRJ0620R30 POWEREX-QRJ0620R30 Datasheet
520Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/600 Volts
QRJ0640R30 POWEREX-QRJ0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
More results

Similar Description - QRJ0630R30

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRC0630R30 POWEREX-QRC0630R30 Datasheet
528Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/600 Volts
QRD0630R30 POWEREX-QRD0630R30 Datasheet
528Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/600 Volts
QRF0630R30 POWEREX-QRF0630R30 Datasheet
528Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/600 Volts
QRC1230R30 POWEREX-QRC1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRF1230R30 POWEREX-QRF1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRD1230R30 POWEREX-QRD1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRD0640R30 POWEREX-QRD0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
QRD0620R30 POWEREX-QRD0620R30 Datasheet
520Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/600 Volts
QRC0620R30 POWEREX-QRC0620R30 Datasheet
520Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/600 Volts
QRJ0640R30 POWEREX-QRJ0640R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 280 Amperes/600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com