Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QRS0620T30 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QRS0620T30
Description  Fast Recovery Diode Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRS0620T30 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QRS0620T30_09 Datasheet HTML 1Page - Powerex Power Semiconductors QRS0620T30_09 Datasheet HTML 2Page - Powerex Power Semiconductors QRS0620T30_09 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Diode Module
www.pwrx.com
Revision Date: 03/23/2009
QRS0620T30
Absolute Maximum Ratings, TJ=25°C unless otherwise specified
Characteristics
Conditions
Symbol
QRS0620T30
Units
Repetitive Peak Reverse Blocking Voltage
-
VRRM
600
Volts
Non-Repetitive Peak Reverse Blocking Voltage
-
VRSM
VRRM + 100
Volts
Average Forward Current
180
° Conduction, Tc=80°C
180
° Conduction, Tc=25°C
IF(AV)
66
97
Amperes
Amperes
Peak Half Cycle Non-Repetitive Surge Current
t = 8.3mS, 100%VRRM Reapplied
IFSM
1670
Amperes
I
2t for Fusing for One Cycle
t = 8.3mS, 100%VRRM Reapplied
I
2t
11620
A
2sec
Operating Junction Temperature
-
TJ
-40 to 150
°C
Storage Temperature
-
TSTG
-40 to 150
°C
Maximum Mounting Torque, M6 Mounting Screw
-
-
26
In.-lb.
Maximum Terminal Torque, M6 Terminal Screw
-
-
26
In.-lb.
Module Weight (Typical)
-
-
220
Grams
V Isolation
60 Hz, circuit to base, all terminals
shorted, t = 1 sec
VRMS
3000
Volts
Thermal Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
RΘJC
Per Diode
-
-
0.35
°C/Watt
Thermal Resistance, Case to Sink Lubricated
RΘCS
Per Module
-
-
0.04
°C/Watt
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max
Units
Peak Reverse Leakage Current
IRRM
Rated VRRM
-
-
1
mA
Peak On-State Voltage
VFM
IF=200A
-
-
2.8
Volts
Reverse Recovery Time
trr
IF = 200A, di/dt = −400A/μs
-
-
110
ns
Reverse Recovery Charge
Qrr
IF =200A, di/dt = −400A/μs
-
0.54
-
μC


Similar Part No. - QRS0620T30_09

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRS0620T30 POWEREX-QRS0620T30 Datasheet
111Kb / 3P
   Fast Recovery Diode Module (200 Amp/600 Volts)
More results

Similar Description - QRS0620T30_09

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
DFM800XXM45-TS001 DYNEX-DFM800XXM45-TS001 Datasheet
261Kb / 6P
   Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000_15 Datasheet
240Kb / 6P
   Fast Recovery Diode Module
DFM1200AXM45-TS001 DYNEX-DFM1200AXM45-TS001_15 Datasheet
296Kb / 6P
   Fast Recovery Diode Module
DFM1200EXM18-A000 DYNEX-DFM1200EXM18-A000_15 Datasheet
265Kb / 6P
   Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000_15 Datasheet
269Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000_15 Datasheet
251Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000_15 Datasheet
291Kb / 6P
   Fast Recovery Diode Module
DFM1200XXM45-TS001 DYNEX-DFM1200XXM45-TS001_15 Datasheet
294Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com