Electronic Components Datasheet Search |
|
RM1000DC-66F Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
RM1000DC-66F Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor |
3 / 5 page MITSUBISHI HVDi MODULES RM1000DC-66F HIGH POWER SWITCHING USE HVDi (High Voltage Diode) Modules INSULATED TYPE HVDi (High Voltage Diode) MODULES HVM-2022 3 of 5 THERMAL CHARACTERISTICS Limits Symbol Item Conditions Min Typ Max Unit Rth(j-c) Thermal resistance Junction to Case, 1/2 module — — 24.0 K/kW Rth(c-f) Contact thermal resistance Case to Fin, λgrease = 1W/m·K D(c-f) = 100 µm, 1/2 module — 26.0 — K/kW MECHANICAL CHARACTERISTICS Limits Symbol Item Conditions Min Typ Max Unit Mt M8: Main terminals screw 7.0 — 22.0 N·m Ms Mounting torque M6: Mounting screw 3.0 — 6.0 N·m m Mass — 0.8 — kg CTI Comparative tracking index 600 — — — da Clearance 19.5 — — mm ds Creepage distance 32.0 — — mm LP AK Parasitic stray inductance 1/2 module — 33 — nH RAA’+KK’ Internal lead resistance Tc = 25°C, 1/2 module — 0.24 — mΩ Note 1. Pulse width and repetition rate should be such that junction temperature (Tj) does not exceed Topmax rating (150°C). Note 2. Pulse width and repetition rate should be such as to cause negligible temperature rise. Note 3. Erec(10%) is the integral of 0.1VR x 0.1IF x dt. Note 4. The integration range of Erec according to IEC 60747. |
Similar Part No. - RM1000DC-66F |
|
Similar Description - RM1000DC-66F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |