Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L09A Datasheet(PDF) 4 Page - Boca Semiconductor Corporation

Part # MC78L09A
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

MC78L09A Datasheet(HTML) 4 Page - Boca Semiconductor Corporation

  MC78L09A Datasheet HTML 1Page - Boca Semiconductor Corporation MC78L09A Datasheet HTML 2Page - Boca Semiconductor Corporation MC78L09A Datasheet HTML 3Page - Boca Semiconductor Corporation MC78L09A Datasheet HTML 4Page - Boca Semiconductor Corporation MC78L09A Datasheet HTML 5Page - Boca Semiconductor Corporation MC78L09A Datasheet HTML 6Page - Boca Semiconductor Corporation MC78L09A Datasheet HTML 7Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
LM78L09 ELECTRICAL CHARACTERISTICS
(VI = 15V, IO = 40mA, 0
°C ≤ T
J
≤ 125 °C, C
I = 0.33
µF, C
O = 0.1
µF, unless otherwise specified. (Note 1)
LM78L10 ELECTRICAL CHARACTERISTICS
(VI = 16V, IO = 40mA, 0
°C < T
J
< 125 °C, C
I = 0.33
µF, C
O = 0.1
µF, unless otherwise specified. (Note 1)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25
°C
8.64
9.0
9.36
V
11.5V
≤ V
I
≤ 24V
90
200
mV
13V
≤ V
I
≤ 24V
100
150
mV
1mA
≤ I
O
≤ 100mA
20
90
mV
1mA
≤ I
O
≤ 40mA
10
45
mV
11.5V
≤ V
I
≤ 24V
1mA
≤ I
O
≤ 40mA
8.55
9.45
V
Output Voltage
VO
11.5V
≤ V
I
≤ V
MAX
(Note 2)
1mA
≤ I
O
≤ 70mA
8.55
9.45
V
Quiescent Current
IQ
TJ = 25
°C
2.1
6.0
mA
Quiescent Current
with line
∆I
Q
13V
≤ V
I
≤ 24V
1.5
mA
Change
with load
∆I
Q
1mA
≤ I
O
≤ 40mA
0.1
mA
Output Noise Voltage
VN
TA = 25
°C, 10Hz ≤ f ≤ 100KHz
70
µV/V
O
Temperature Coefficient of VO
IO = 5mA
-0.9
Ripple Rejection
RR
f = 120Hz, 12V
≤ V
I
≤ 22V, T
J = 25
°C
38
44
dB
Dropout Voltage
VD
TJ = 25
°C
1.7
V
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25
°C
9.6
10.0
10.4
V
12.5
< V
I
< 25V
100
220
mV
14V
≥ V
I
≥ 25V
100
170
mV
1mA
< I
O
< 100mA
20
94
mV
1mA
< I
O
< 70mA
10
47
mV
12.5
< V
I
< 25V, 1mA < I
O
< 40mA
9.5
10.5
12.5
< V
I
< V
MAX(Note), 1mA
< I
O
< 70mA
9.5
10.5
TJ = 25
°C
4.2
6.5
TJ = 125
°C
6.0
Quiescent Current
with line
∆I
Q
12.5
< V
I
< 25V
1.5
Change
with load
∆I
Q
1mA
< I
O
< 40mA
0.1
Output Noise Voltage
VN
TA = 25
°C, 10Hz < f < 100KHz
74
µV/V
O
Temperature Coefficient of VO
IO = 5mA
0.95
mV/
°C
Ripple Rejection
RR
f = 120Hz, 15V
< V
I
< 25V, T
J = 25
°C
38
43
dB
Dropout Voltage
VD
TJ = 25
°C
1.7
V
Line Regulation
Line Regulation
∆V
O
∆V
O
TJ =25
°C
TJ =25
°C
TJ =25
°C
mV/
°C
TJ =25
°C
∆V
O
∆V
O
Load Regulation
Load Regulation
∆V
O/
∆T
∆V
O/
∆T
Output Voltage
VO
V
mA
mA
Quiescent Current
IQ
This Material Copyrighted By Its Respective Manufacturer


Similar Part No. - MC78L09A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L09AB ONSEMI-MC78L09AB Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Motorola, Inc
MC78L09ABD MOTOROLA-MC78L09ABD Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L09ABD ONSEMI-MC78L09ABD Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
MC78L09ABD ONSEMI-MC78L09ABD Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L09ABDG ONSEMI-MC78L09ABDG Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
More results

Similar Description - MC78L09A

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
LM79LXXA BOCA-LM79LXXA Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com