Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1060PH-1 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SDB1060PH-1
Description  60V, 10A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1060PH-1 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SDB1060PH-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1060PH-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1060PH-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1060PH-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1060PH-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KSD-D0Q010-004
4
Package Outline Dimension
SDB1060PH


Similar Part No. - SDB1060PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1060PH KODENSHI-SDB1060PH Datasheet
260Kb / 5P
   60V, 10A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB1060PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1060PH KODENSHI-SDB1060PH Datasheet
260Kb / 5P
   60V, 10A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P10V60SP PFC-P10V60SP Datasheet
722Kb / 5P
   10A 60V MOS Schottky Rectifier
PFR10L60CT PFC-PFR10L60CT Datasheet
773Kb / 7P
   10A 60V MOS Schottky Rectifier
PFS10L60 PFC-PFS10L60 Datasheet
561Kb / 5P
   10A 60V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TST10L60CW TSC-TST10L60CW Datasheet
201Kb / 4P
   10A, 60V Trench Schottky Rectifier
logo
PFC Device Inc.
P10L60SP PFC-P10L60SP Datasheet
725Kb / 5P
   10A 60V MOS Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P10V60 YFWDIODE-P10V60 Datasheet
319Kb / 4P
   10A 60V MOS Schottky Rectifier
logo
PFC Device Inc.
PFR10V60CT PFC-PFR10V60CT Datasheet
773Kb / 7P
   10A 60V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP10M60SH TSC-TSUP10M60SH Datasheet
432Kb / 5P
   10A, 60V Trench Schottky Rectifier
TSSD10L45SW TSC-TSSD10L45SW Datasheet
338Kb / 6P
   10A, 45V - 60V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com