Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1060PH-1 Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SDB1060PH-1
Description  60V, 10A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1060PH-1 Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SDB1060PH-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1060PH-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1060PH-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1060PH-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1060PH-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KSD-D0Q010-004
5
The AUK Corp. products are intended for the use as components in general electronic
equipment (Office and communication equipment, measuring equipment, home
appliance, etc.).
Please make sure that you consult with us before you use these AUK Corp. products
in equipments which require high quality and / or reliability, and in equipments which
could have major impact to the welfare of human life(atomic energy control, airplane,
spaceship, transportation, combustion control, all types of safety device, etc.). AUK
Corp. cannot accept liability to any damage which may occur in case these AUK Corp.
products were used in the mentioned equipments without prior consultation with AUK
Corp..
Specifications mentioned in this publication are subject to change without notice.
SDB1060PH


Similar Part No. - SDB1060PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1060PH KODENSHI-SDB1060PH Datasheet
260Kb / 5P
   60V, 10A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB1060PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1060PH KODENSHI-SDB1060PH Datasheet
260Kb / 5P
   60V, 10A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P10V60SP PFC-P10V60SP Datasheet
722Kb / 5P
   10A 60V MOS Schottky Rectifier
PFR10L60CT PFC-PFR10L60CT Datasheet
773Kb / 7P
   10A 60V MOS Schottky Rectifier
PFS10L60 PFC-PFS10L60 Datasheet
561Kb / 5P
   10A 60V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TST10L60CW TSC-TST10L60CW Datasheet
201Kb / 4P
   10A, 60V Trench Schottky Rectifier
logo
PFC Device Inc.
P10L60SP PFC-P10L60SP Datasheet
725Kb / 5P
   10A 60V MOS Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P10V60 YFWDIODE-P10V60 Datasheet
319Kb / 4P
   10A 60V MOS Schottky Rectifier
logo
PFC Device Inc.
PFR10V60CT PFC-PFR10V60CT Datasheet
773Kb / 7P
   10A 60V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP10M60SH TSC-TSUP10M60SH Datasheet
432Kb / 5P
   10A, 60V Trench Schottky Rectifier
TSSD10L45SW TSC-TSSD10L45SW Datasheet
338Kb / 6P
   10A, 45V - 60V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com