Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB5100PH-1 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDB5100PH-1
Description  HIGH VOLTAGE SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB5100PH-1 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDB5100PH-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB5100PH-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB5100PH-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB5100PH-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB5100PH-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D0Q016-001
2
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
100
V
Maximum average forward rectified current
IF(AV)
5
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
120
A
Storage temperature range
Tstg
-45℃ to +150℃
Maximum operating junction temperature
TJ
150
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance junction to case
Rth(j-c)
4.0
/W
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Tj=25℃
-
-
0.85
V
Peak forward voltage drop
VFM
(1)
IFM = 5A
Tj=125℃
-
-
0.68
V
Tj=25℃
-
-
10
uA
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=125℃
-
-
10
mA
Junction capacitance
Cj
VR = 4VDC, f=1MHz
-
100
-
pF
Note : (1) Pulse test : tP≤380 ㎲, Duty cycle≤2%
To evaluate the conduction losses use the following equation (Fig 4.) : PF = 0.62 x IF(AV) + 0.042 IF
2
(RMS)
SDB5100PH
IFM
2 IF(AV)
IF(AV)
VFM
Forward Voltage : VFM = Vto + rd IFM
Conduction Loss : PF = Vto IF(AV) + rd IF
2
(RMS)
rd
Vto


Similar Part No. - SDB5100PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB5100PH KODENSHI-SDB5100PH Datasheet
279Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results

Similar Description - SDB5100PH-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
   High Voltage Schottky Rectifier
16-Aug-04
MBR1090 VISHAY-MBR1090_12 Datasheet
116Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 30-Nov-10
logo
KODENSHI_AUK CORP.
SDB10100PH-1 KODENSHI-SDB10100PH-1 Datasheet
261Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100D-1 KODENSHI-SDB10100D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10200D-1 KODENSHI-SDB10200D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10S100D2-1 KODENSHI-SDB10S100D2-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB5150PH-1 KODENSHI-SDB5150PH-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB20D80D2 KODENSHI-SDB20D80D2 Datasheet
260Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com