Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSIPM6012 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSIPM6012
Description  Converter - Brake - Inverter Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSIPM6012 Datasheet(HTML) 1 Page - Powersem GmbH

  PSIPM6012 Datasheet HTML 1Page - Powersem GmbH PSIPM6012 Datasheet HTML 2Page - Powersem GmbH PSIPM6012 Datasheet HTML 3Page - Powersem GmbH PSIPM6012 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
tentative
data
sheet
product
still
under
development
Converter - Brake - Inverter Module
Features
Package with DCB ceramic base plate
High level of integration - only one
power semiconductor module required
for the whole drive
Planar glass passivated chips
NPT IGBT technology with low
saturation voltage, low switching
losses, high RBSOA and short circuit
ruggedness
Epitaxial free wheeling diodes with
hiperfast and soft reverse recovery
Temperature sense included
Leads suitable for PC board
soldering
UL Release applied
Application: AC motor drives with
Input from single or three phase grid
Three phase synchronous or
asynchronous motor
Electric braking operations
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Caution: These Devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
PSIPM 60/12
Symbol
Test Conditions
Characteristic Value
I
R
V
R = VRRM, TVJ = TVJM
3
mA
V
R = VRRM, TVJ = 25°C
0
.5mA
V
F
I
F = 55 A, TVJ = 25 °C
1.46
V
V
TO
For power-loss calculations only
0.8
V
r
T
13
m
R
thJC
per diode; DC
1.1
K/W
I*
dAV
T
C = 100 °C,
(per circuit)
68
A
I
FSM
T
VJ = 25°C; t = 10 ms; sin 50 Hz
300
A
V
RRM
1600
V
Symbol
Test Conditions
Maximum Ratings
Three Phase
Brake Chopper
Three Phase
Rectifier
Inverter
V
RRM
= 1600 V
V
CES
= 1200 V
V
CES
= 1200 V
I
FAVM
= 68 A
I
C25
= 49A
I
C25
= 92 A
I
FSM
= 300 A
V
CE(sat) =
3.1 V
V
CE(sat) =
2.7 V
Input Rectifiers
ECO-TOPTM 1
V4
V7
F1
C1
A15
A10
A5
V15
F15
H1
U1
V1
N1
L1
P1
R1
H15
N15
S15
U15
D15
J15
O15
V13
V11
Q15
L15


Similar Part No. - PSIPM6012

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSIPM60-12 POWERSEM-PSIPM60-12 Datasheet
730Kb / 4P
   Converter - Brake - Inverter Module
PSIPM60/12 POWERSEM-PSIPM60/12 Datasheet
730Kb / 4P
   Converter - Brake - Inverter Module
More results

Similar Description - PSIPM6012

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
   Converter - Brake - Inverter Module
MUBW30-12A6 IXYS-MUBW30-12A6 Datasheet
290Kb / 8P
   Converter - Brake - Inverter Module
logo
Powersem GmbH
PSIPM35-12 POWERSEM-PSIPM35-12 Datasheet
727Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW50-12E8 IXYS-MUBW50-12E8 Datasheet
91Kb / 4P
   Converter - Brake - Inverter Module
MUBW100-06A8 IXYS-MUBW100-06A8 Datasheet
98Kb / 4P
   Converter - Brake - Inverter Module
MUBW25-12A7 IXYS-MUBW25-12A7 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-12E7 IXYS-MUBW35-12E7 Datasheet
72Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com