Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMF55301R00FKRE70 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CMF55301R00FKRE70
Description  Metal Film Resistors, Industrial, Precision
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMF55301R00FKRE70 Datasheet(HTML) 3 Page - Vishay Siliconix

  CMF55301R00FKRE70 Datasheet HTML 1Page - Vishay Siliconix CMF55301R00FKRE70 Datasheet HTML 2Page - Vishay Siliconix CMF55301R00FKRE70 Datasheet HTML 3Page - Vishay Siliconix CMF55301R00FKRE70 Datasheet HTML 4Page - Vishay Siliconix CMF55301R00FKRE70 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 09-Sep-13
3
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEMPERATURE COEFFICIENT CODES
GLOBAL TC CODE
HISTORICAL TC CODE
TEMPERATURE COEFFICIENT
E
T-9
25 ppm/°C
H
T-2
50 ppm/°C
K
T-1
100 ppm/°C
L
T-0
150 ppm/°C
N
T-00
200 ppm/°C
LOAD LIFE SHIFT DUE TO POWER AND DERATING (AT +70 °C AND AT +125 °C)
The power rating for the CMF parts is tied to the derating temperature, the heat rise of the parts, and the
R for the load life performance.
When the tables/graphs below are used together they show that when the parts are run at their higher power ratings, the parts will run hotter,
which has the potential of causing the resistance of the parts to shift more over the life of the part.
LOAD LIFE SHIFT VS. POWER RATING
LOAD LIFE
MAXIMUM
R (TYPICAL TEST LOTS)
± 0.15 %
± 0.5 %
± 1.0 %
± 0.15 %
± 0.5 %
± 1.0 %
MODEL
POWER RATING AT +70 °C
POWER RATING AT +125 °C
CMF50
1/20 W and 1/10 W
1/8 W
1/4 W
1/20 W
1/10 W
1/8 W
CMF55, CMF07
1/10 W and 1/8 W
1/4 W
1/2 W
1/10 W
1/8 W
1/4 W
CMF60, CMF20
1/8 W and 1/4 W
1/2 W
3/4 W and 1 W
1/8 W
1/4 W
1/2 W
CMF65
1/4 W and 1/2 W
3/4 W
1 W
1/4 W
1/2 W
3/4 W
CMF70
1/4 W and 1/2 W
3/4 W
1 W
1/4 W
1/2 W
3/4 W
CMF resistors have an operating temperature range of -55 °C to +175 °C. They must be derated at high ambient temperatures according to
the derating curve.
Example:
When a CMF55 part is run at 1/8 W in a 70 °C ambient environment, the resistor will generate enough heat that the surface temperature of
the part will reach about 19 °C over the ambient temperature, and over the life of the part this could cause the resistance value to shift up to
± 0.15 %.
If the same resistor was instead run at 1/4 W in a 70 °C environment, the element will heat up to about 30 °C over ambient, and over the life
of the part the resistance value could shift roughly ± 0.5 %.
And if the resistor was run at it maximum power rating of 1/2 W in a 70 °C environment, it will heat up to about 58 °C over ambient, and you
could see the resistance value shift roughly ± 1 % over the life of the part.
MATERIAL SPECIFICATIONS
Element
Vacuum-deposited nickel-chrome alloy
Coating
Flame retardant epoxy, formulated for superior
moisture protection
Core
Fire-cleaned high purity ceramic
Solderability
Continuous satisfactory coverage when tested
in accordance with MIL-R-10509
AMBIENT TEMPERATURE IN °C
DERATING
120
100
80
60
40
20
0
- 55 - 50 - 25
0
25
70 75 100
125
150 165 175
50
200
APPLIED POWER IN W
THERMAL RESISTANCE
120
100
80
60
40
20
0
0
0.125
0.25
0.375
0.5
0.75
0.875
1
1.125
0.625
CMF50
CMF55,
CMF07
CMF60,
CMF20
CMF65,
CMF70


Similar Part No. - CMF55301R00FKRE70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMF55 VISHAY-CMF55 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
Bourns Electronic Solut...
CMF55 BOURNS-CMF55 Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMF55 VISHAY-CMF55 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results

Similar Description - CMF55301R00FKRE70

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 02-May-13
CMFINDUSTRIAL VISHAY-CMFINDUSTRIAL Datasheet
159Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 24-Apr-14
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Mar-10
GSR VISHAY-GSR Datasheet
77Kb / 3P
   Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
Revision: 19-Nov-12
CMFNON-MAGNETIC VISHAY-CMFNON-MAGNETIC Datasheet
151Kb / 5P
   Metal Film Resistors, Non-Magnetic, Industrial, Precision
Revision: 23-Apr-14
CPF VISHAY-CPF Datasheet
98Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Sep-13
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 19-Nov-12
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com