Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCS0805E3473JHT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # NTCS0805E3473JHT
Description  SMD 0805, Glass Protected NTC Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0805E3473JHT Datasheet(HTML) 7 Page - Vishay Siliconix

  NTCS0805E3473JHT Datasheet HTML 1Page - Vishay Siliconix NTCS0805E3473JHT Datasheet HTML 2Page - Vishay Siliconix NTCS0805E3473JHT Datasheet HTML 3Page - Vishay Siliconix NTCS0805E3473JHT Datasheet HTML 4Page - Vishay Siliconix NTCS0805E3473JHT Datasheet HTML 5Page - Vishay Siliconix NTCS0805E3473JHT Datasheet HTML 6Page - Vishay Siliconix NTCS0805E3473JHT Datasheet HTML 7Page - Vishay Siliconix NTCS0805E3473JHT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29044
22
Revision: 09-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCS0805E3.....T
Vishay BCcomponents
SMD 0805, Glass Protected
NTC Thermistors
SOLDERING CONDITIONS
This SMD thermistor is only suitable for wave or reflow soldering, in accordance with JEDEC J-STD-020. The maximum
temperature of 260 °C during 40 s should not be exceeded.
Typical examples of a soldering processes that will provide reliable joints without damage, are shown below.
TESTS AND REQUIREMENTS
PACKAGING
TAPE SPECIFICATIONS
All tape specifications are in accordance with IEC 60286-3. Basic dimensions are given below. Carrier tape material is paper.
PAPER TAPE
Notes
(1) Measured 0.3 mm above base pocket
(2) P0 pitch cumulative error over any 10 pitches ± 1.0 mm
Time (s)
0
50
100
150
200
200
250
100
150
50
0
300
250
260 °C
 245 °C
215 °C
180 °C
130 °C
2 K/s
40 s
10 s
10 s
Reflow Soldering
Lead (Pb)-free Reflow Soldering Profile
260 °C
≈ 245 °C
235 °C
≈ 170 °C
≈ 120 °C
2 K/s
max.
Time (s)
0
50
100
150
200
350
200
250
100
150
50
0
300
40 s max.
≈ 60 s
20 s min.
normal
limit
250
300
6 K/s
max.
3.0
1.3
1.0
Dimensions of the solder lands
SOLDERABILITY AND RESISTANCE TO SOLDERING HEAT
IEC 60068-2-58
TEST METHOD
TEST
PROCEDURE
REQUIREMENTS
6TC
Solderability
2 s at 235 °C
Min. 95 % of surface wetted
Resistance to soldering heat
10 s at 260 °C
R/R <5 %
F
W
P
0
P
2
D
0
B
0
A
0
P
1
E
1
JWB288
T
T
1
DIMENSIONS OF PAPER TAPE in millimeters
PARAMETER
DIMENSION
TOLERANCE
A0 (1)
1.7
± 0.2
B0 (1)
2.35
± 0.1
W8.0
± 0.2
E1
1.75
± 0.1
F
3.5
± 0.05
D0
1.55
± 0.05
P0 (2)
4.0
± 0.1
P1
4.0
± 0.1
P2
2.0
± 0.05
T tape thickness
1.1
Max.
T1 cover tape
< 0.1
-


Similar Part No. - NTCS0805E3473JHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0805E3473FHT VISHAY-NTCS0805E3473FHT Datasheet
141Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3473HHT VISHAY-NTCS0805E3473HHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3473HT VISHAY-NTCS0805E3473HT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3473HT VISHAY-NTCS0805E3473HT Datasheet
121Kb / 3P
   SMD 0805, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3473HT VISHAY-NTCS0805E3473HT Datasheet
120Kb / 3P
   SMD 0805, Glass Protected NTC Thermistorss
01-Jan-2022
More results

Similar Description - NTCS0805E3473JHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3 VISHAY-NTCS0805E3_V01 Datasheet
121Kb / 3P
   SMD 0805, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3473HHT VISHAY-NTCS0805E3473HHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3474JXT VISHAY-NTCS0805E3474JXT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 09-Mar-11
NTCS0805E3103JHT VISHAY-NTCS0805E3103JHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3103HMT VISHAY-NTCS0805E3103HMT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3-T VISHAY-NTCS0805E3-T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3153JMT VISHAY-NTCS0805E3153JMT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3473FHT VISHAY-NTCS0805E3473FHT Datasheet
141Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0402E3472HMT VISHAY-NTCS0402E3472HMT Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com