Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSE-40-01-F-D-A-K Datasheet(PDF) 1 Page - Samtec, Inc

Part # QSE-40-01-F-D-A-K
Description  0,80mm HI-SPEED SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSE-40-01-F-D-A-K Datasheet(HTML) 1 Page - Samtec, Inc

  QSE-40-01-F-D-A-K Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Blade &
Beam
Design
Integral metal plane
for power or ground
QSE–060–01–F–D–A
QSE–040–01–F–D–A
QSE–020–01–L–D–A–RT1
(0,80mm)
.0315"
pitch
Polarized
WWW.SAMTEC.COM
F-208
0,80mm HI-SPEED SOCKET
Note: Some lengths, styles
and options are non-standard,
non-returnable.
SPECIFICATIONS
i
Mates with:
QTE, CQTE,
EQCD, EQSD
(See Application
Specific note)
For complete specifications and
recommended PCB layouts see
www.samtec.com?QSE
QSE
Insulator Material:
Liquid Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Au over 50µ" (1,27µm) Ni
Current Rating:
Contacts: 2A @ 80°C
Ground Plane: 9.5A @ 80°C
Operating Temp Range:
-55°C to +125°C
Voltage Rating:
225 VAC (5mm Stack Height)
Max Cycles: 100
Unmating Force (-RT1 option):
-RT1 option increases
unmating force up to 50%
RoHS Compliant:
Yes
Processing:
Max Processing Temp:
230°C for 60 seconds, or
260°C for 20 seconds 3x
Lead–Free Solderable: Yes
SMT Lead Coplanarity:
(0,10mm) .004" max (020-060)
(0,15mm) .006" max (080)
Board Stacking:
For applications requiring
more than two connectors per
board or 80 positions or higher,
contact ipg@samtec.com
finalinch.com
®
®
STACK HEIGHTS
–01
–02
–03
–04
–05
–07
MATED HEIGHT
WITH QSE
Processing conditions will
affect mated height.
QTE
LEAD
STYLE
(5,00) .198
(8,00) .315
(11,00) .433
(16,00) .630
(19,00) .748
(25,00) .984
QSE, CQSE
SERIES
SPECIFICATIONS
For complete specifications and
recommended PCB layouts see
www.samtec.com?CQSE
CQSE
Same as QSE except:
UL & CSA certification pending
Plating:
Electro-Polished Selective
Max Cycles:
25
NO. OF POSITIONS
PER ROW
–020, –040, –060, –080
(40 total positions per bank)
TYPE
STRIP
QSE
(Requires –L or –F plating)
CQSE
(Requires –C plating)
01
D
PLATING
OPTION
OTHER
OPTION
–L
= 10µ" (0,25µm) Gold on Signal Pins
and Ground Plane, Matte Tin on tails
(QSE only)
–F
= Gold Flash on Signal Pins and Ground Plane,
Matte Tin on tails
(QSE only)
–C
= Electro-Polished Selective
(CQSE only)
A
QSE Series Only
–K
= (8,25mm) .325"
DIA Polyimide
Film Pick &
Place Pad
–TR
= Tape & Reel
Packaging
(–060 positions
maximum)
–RT1
= Retention
Option
(–060 positions
maximum)
(20,00) .7875
(No. of Positions per Row/20) x
(20,00) .7875 + (1,27) .050
01
02
(7,49)
.295
(0,15)
.006
(0,80)
.0315
(3,25)
.128
(3,05)
.120
(0,76)
.030
(7,24)
.285
(0,89)
.035
DIA
(3,81)
.150
(3,76)
.148
DIA
–01
–RT1
5mm Stack Height
Rated @ -3dB Insertion Loss
Single-Ended Signaling
9 GHz / 18 Gbps
Differential Pair Signaling
8 GHz / 16 Gbps
Performance data for other stack heights
available at www.samtec.com?QSE
Differential Pair version.
See QSE-DP Series.
Board Spacing Standoffs.
See SO Series.
ALSO AVAILABLE
APPLICATION
SPECIFIC OPTION
• 14mm, 15mm, 22mm and 30mm stack
height (Caution: Some automatic placement/
inspection machines may have component
height restrictions. Please consult machinery
specifications.)
• 30µ" (0,76µm) Gold (Specify -H plating for
Data Rate cable mating applications,
QSE only)
• Edge Mount (QSE only)
• 100 positions per row (QSE only)
• Guide Posts and Friction Lock options
(QSE only)
Call Samtec.


Similar Part No. - QSE-40-01-F-D-A-K

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSE-014-01-L-D-DP-A SAMTEC-QSE-014-01-L-D-DP-A Datasheet
223Kb / 4P
   RECOMMENDED PCB LAYOUT
QSE-020-01-F-D-A SAMTEC-QSE-020-01-F-D-A Datasheet
314Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSE-020-01-H-D-A SAMTEC-QSE-020-01-H-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-L-D-A SAMTEC-QSE-020-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-L-D-EM2 SAMTEC-QSE-020-01-L-D-EM2 Datasheet
382Kb / 2P
   .8mm EDGE MOUNT HS SOCKET ASSEMBLY
More results

Similar Description - QSE-40-01-F-D-A-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH3A ETC1-WH3A Datasheet
101Kb / 2P
   Hi-Speed Isolator
logo
AAEON Technology
TF-PER-M17 AAEON-TF-PER-M17 Datasheet
146Kb / 1P
   Hi-Speed USB2.0 Standard
logo
NXP Semiconductors
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
List of Unclassifed Man...
PL-2555 ETC-PL-2555 Datasheet
31Kb / 1P
   Hi-Speed USB Docking Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
Future Technology Devic...
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
logo
Teledyne Technologies I...
DTCP20231 TELEDYNE-DTCP20231 Datasheet
258Kb / 2P
   ULTRA HI-SPEED THRESHOLD DETECTOR
logo
Future Technology Devic...
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
   USB Hi-Speed FT4232H Evaluation
logo
List of Unclassifed Man...
PL-2515 ETC1-PL-2515 Datasheet
31Kb / 1P
   Hi-Speed USB Flash Disk Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com