Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0500D5 Datasheet(PDF) 7 Page - AZ Displays

Part # ATM0500D5
Description  LIQUID CRYSTAL DISPLAY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0500D5 Datasheet(HTML) 7 Page - AZ Displays

Back Button ATM0500D5_13 Datasheet HTML 3Page - AZ Displays ATM0500D5_13 Datasheet HTML 4Page - AZ Displays ATM0500D5_13 Datasheet HTML 5Page - AZ Displays ATM0500D5_13 Datasheet HTML 6Page - AZ Displays ATM0500D5_13 Datasheet HTML 7Page - AZ Displays ATM0500D5_13 Datasheet HTML 8Page - AZ Displays ATM0500D5_13 Datasheet HTML 9Page - AZ Displays ATM0500D5_13 Datasheet HTML 10Page - AZ Displays ATM0500D5_13 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
3. Operation Specifications
3.1. Absolute Maximum Ratings
(Note 1)
Values
Item
Symbol
Min.
Max.
Unit
Remark
Power voltage
VDD
-0.5
5.0
V
Input signal voltage
Logic input
-0.5
5.0
V
Operation temperature
TOP
-20
70
Note 3, 4
Storage temperature
TST
-30
80
Note 3, 4
LED Reverse Voltage
VR
-
1.2
V
Each LED
Note 2
LED Forward Current
IF
-
25
mA
Each
LED
Note 1: The absolute maximum rating values of this product are not allowed to be
exceeded at any times. A module should be used with any of the absolute
maximum ratings exceeded, the characteristics of the module may not be
recovered, or in an extreme condition, the module may be permanently
destroyed.
Note 2: VR Conditions: Zener Diode 20mA
ATM0500D5(AZ DISPLAYS) TFT MODULE VER1.0
AZ DISPLAYS
4


Similar Part No. - ATM0500D5_13

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D12 AZDISPLAYS-ATM0500D12 Datasheet
352Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0500D12-T AZDISPLAYS-ATM0500D12-T Datasheet
353Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0500D13 AZDISPLAYS-ATM0500D13 Datasheet
512Kb / 17P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0500D13-T AZDISPLAYS-ATM0500D13-T Datasheet
351Kb / 17P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0500D13E AZDISPLAYS-ATM0500D13E Datasheet
381Kb / 17P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0500D5_13

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com