Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T521D226M025ATE060 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T521D226M025ATE060
Description  T521 High Voltage Polymer Tantalum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521D226M025ATE060 Datasheet(HTML) 5 Page - Kemet Corporation

  T521D226M025ATE060 Datasheet HTML 1Page - Kemet Corporation T521D226M025ATE060 Datasheet HTML 2Page - Kemet Corporation T521D226M025ATE060 Datasheet HTML 3Page - Kemet Corporation T521D226M025ATE060 Datasheet HTML 4Page - Kemet Corporation T521D226M025ATE060 Datasheet HTML 5Page - Kemet Corporation T521D226M025ATE060 Datasheet HTML 6Page - Kemet Corporation T521D226M025ATE060 Datasheet HTML 7Page - Kemet Corporation T521D226M025ATE060 Datasheet HTML 8Page - Kemet Corporation T521D226M025ATE060 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016-1 • 1/17/2011
55
KEMET Organic Capacitor (KO-CAP) – T521 High Voltage Polymer Tantalum
Other part number options:
1- Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H)
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating. Substitutions can include better than series.
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
VDC
120Hz
KEMET/EIA
(See below for
part options)
+20ºC
+20ºC 120Hz +20ºC 100kHz
+45ºC 100kHz
Temp≤260ºC
(ºC)
µF
µAmps
% Max
mOhms
mAmps
J-STD-020D
16
68
V/7343-20
T521V686M016A(1)E050
108.8
10
50
1900.0
3
105
16
68
V/7343-20
T521V686M016A(1)E090
108.8
10
90
1400.0
3
105
16
100
D/7343-31
T521D107M016A(1)E050
160.0
10
50
2100.0
3
105
20
47
V/7343-20
T521V476M020A(1)E090
94.0
10
90
1400.0
3
125
20
47
V/7343-20
T521V476M020A(1)E055
94.0
10
55
1800.0
3
125
20
47
D/7343-31
T521D476M020A(1)E055
94.0
10
55
2000.0
3
125
25
22
V/7343-20
T521V226M025A(1)E060
55.0
10
60
1800.0
3
105
25
33
V/7343-20
T521V336M025A(1)E060
82.5
10
60
1800.0
3
105
25
33
D/7343-31
T521D336M025A(1)E060
82.5
10
60
1900.0
3
105
35
15
V/7343-20
T521V156M035A(1)E100
52.5
10
100
1400.0
3
125
35
15
V/7343-20
T521V156M035A(1)E125
52.5
10
125
1200.0
3
125
35
47
X/7343-43
T521X476M035A(1)E030
164.5
10
30
2900.0
3
125
35
47
X/7343-43
T521X476M035A(1)E070
164.5
10
70
1900.0
3
125
VDC
µF
KEMET/EIA
(see below for
part options)
µAmps
% Max
mOhms
mAmps
J-STD-020d
(ºC)
120Hz
+20ºC
+20ºC 120Hz +20ºC 100kHz
+45ºC 100kHz
Temp≤260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
allowable
ripple current
Moisture
Sensitivity
Rated Temp
Roll Over for
Order Info.
T
521
V
226
M
025
A
T
E060
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
ESR Code
Packaging
(C-Spec)
T =
Tantalum
521 =
High
Voltage
Polymer
D = 7343-31
V = 7343-20
W = 7343-15
X = 7343-43
First two digits
represent
significant
figures. Third
digit specifies
number of zeros.
M = ±20%
016 = 16V
020 = 20V
025 = 25V
035 = 35V
A = N/A
T = 100% Matte
Tin (Sn) Plated
H = Tin/Lead
(SnPb) Solder
Coated (5% Pb
minimum)
E = ESR
Last three
digits specify
ESR in
mOhms. (060 =
60mOhms)
Blank = 7" Reel
7280 = 13"
Reel


Similar Part No. - T521D226M025ATE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521D226M035A(1)E040 KEMET-T521D226M035A(1)E040 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521D226M035A(1)E060 KEMET-T521D226M035A(1)E060 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521D226M035ATE040 KEMET-T521D226M035ATE040 Datasheet
77Kb / 1P
   T521, Tantalum, Polymer Tantalum, 22 uF, 20%, 35 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 7343, Height Max = 3.1mm
T521D226M050A(1)E090 KEMET-T521D226M050A(1)E090 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521D226M050ATE090 KEMET-T521D226M050ATE090 Datasheet
76Kb / 1P
   T521, Tantalum, Polymer Tantalum, 22 uF, 20%, 50 VDC, SMD, Polymer, Molded, Low ESR, Non-Combustible, 90 mOhms, 7343,Height Max = 3.1mm
More results

Similar Description - T521D226M025ATE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521 KEMET-T521 Datasheet
133Kb / 1P
   T521 Series - High Voltage Polymer
T521T106M025ATE060 KEMET-T521T106M025ATE060 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 60
T521V106M035ATE120 KEMET-T521V106M035ATE120 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 120mOhms, 2mm
T521V226M025ATE040 KEMET-T521V226M025ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 22 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521V156M035ATE100 KEMET-T521V156M035ATE100 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 100mOhms, 2mm
T521T336M016ATE045 KEMET-T521T336M016ATE045 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 33 uF, 20%, 16 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 45mOhms, 1.2mm
T521V565M050ATE090 KEMET-T521V565M050ATE090 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 5.6 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 90mOhms, 2mm
T521V156M025ATE040 KEMET-T521V156M025ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521X157M016ATE080 KEMET-T521X157M016ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, 4.3mm
T521D475M075ATE075 KEMET-T521D475M075ATE075 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 75 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 3.1mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com