Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LCS21A Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LCS21A
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21A Datasheet(HTML) 4 Page - Microchip Technology

  24LCS21A Datasheet HTML 1Page - Microchip Technology 24LCS21A Datasheet HTML 2Page - Microchip Technology 24LCS21A Datasheet HTML 3Page - Microchip Technology 24LCS21A Datasheet HTML 4Page - Microchip Technology 24LCS21A Datasheet HTML 5Page - Microchip Technology 24LCS21A Datasheet HTML 6Page - Microchip Technology 24LCS21A Datasheet HTML 7Page - Microchip Technology 24LCS21A Datasheet HTML 8Page - Microchip Technology 24LCS21A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Serial Memory Products
Serial EEPROM
Robust Design
ESD Protection
> 4000V Human Body Model (HBM)
> 400V Machine Model (MM)
> 1000V Charged Device Model
Latch-up protection > 200 mA on all pins
ESD Induced Latch-up > 100V (MM) on VDD; >400V on all I/O
> 1M cycles Endurance and > 200 years data retention
Up to 150°C Operation (reads and writes)
Power-On Reset (POR) and Brown-Out Reset (BOR)
Effective protection against noisy automotive environments
Eliminates false writes
Schmitt Trigger input filters for noise reduction
Complete traceability including die location on wafer
Innovative designs combined with in-house fabrication and outstanding testing
methodology has helped create the industry’s highest quality Serial EEPROM.
Microchip offers a broad selection of standard and application specific Serial EEPROM devices that are available in
all the standard serial busses – I2C, SPI, Microwire and the new single I/O UNI/O®bus.
Quality
Microchip delivers highest quality
EEPROMs in the world
World-class line yields (over 99%)
ISO/TS16949-compliant
Industry leader with triple test flow –
every cell of every part is tested
three times
Near zero PPM field bit fails
Statistical process control and
continuous improvement procedures
in all facilities
Robustness and reliability designed in
Automotive grade/flow
MAC Address Chips
EUI-48™ & EUI-64™ Node Address
Partial Array Write Protect
½, ¼
and Whole Array WP Options
DIMM-DDR2/3
Reversible S/W Write Protect; I2C
Extended Temperature
-55ºC to 150ºC
VESA Monitors
DDC1™/DDC2™ Interface
Very Low Voltage
1.5V EEPROM
UNI/O® Bus
1 Kb-16 Kb; 1.8V-5.5V
SPI
1 Kb-1 Mb; 1.8V-5.5V
8-SOIC (SN)
5 x 6 mm
8-DFN (MF)
5 x 6 mm
8-SOIC (SM)
5 x 8 mm
8-PDIP (P)
8 x 9.5 mm
Die/Wafer
WL-CSP
.
5-SC70
(LT)
2 x 2 mm
.
3-SOT
(TT)
3 x 2.5 mm
5 & 6-SOT
(OT)
3 x 3 mm
.
8-TDFN
(MC/MNY)
2 x 3 mm
.
8-MSOP
(MS)
3 x 5 mm
.
8-TSSOP
(ST)
3 x 6.5 mm
......
................
.....
...
.............
Specialty/Application
Specific EEPROMs
Standard
EEPROMs
I2C™
128b-1 Mb; 1.7V-5.5V
Microwire
1 Kb-16 Kb; 1.8V-5.5V
Packages
Serial EEPROMs


Similar Part No. - 24LCS21A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LCS21A-/P MICROCHIP-24LCS21A-/P Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LCS21A-/SN MICROCHIP-24LCS21A-/SN Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LCS21A-I/P MICROCHIP-24LCS21A-I/P Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
More results

Similar Description - 24LCS21A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
National Semiconductor ...
AN-1192 NSC-AN-1192 Datasheet
548Kb / 21P
   broad portfolio of monolithic power integrated circuits covering power levels
logo
ams AG
KBDELPS2.D2 AMSCO-KBDELPS2.D2 Datasheet
1Mb / 25P
   The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
Version 1.1 2022-11-16
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
ATMEL Corporation
AT90USBKEY ATMEL-AT90USBKEY Datasheet
548Kb / 8P
   Atmel Crypto Products Portfolio
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
   High Performance Serial MRAM Memory
Feb.21.23
logo
OmniVision Technologies...
OH02A10 OMNIVISION-OH02A10 Datasheet
742Kb / 2P
   Best-In-Class Image Quality
logo
Bel Fuse Inc.
TET3200-12-069XA BEL-TET3200-12-069XA Datasheet
1Mb / 24P
   Best-in-class, Titanium efficiency
TET3000-12-069RA BEL-TET3000-12-069RA Datasheet
2Mb / 25P
   Best-in-class, Titanium efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com