Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1183 Datasheet(PDF) 10 Page - Microchip Technology

Part # AN1183
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1183 Datasheet(HTML) 10 Page - Microchip Technology

Back Button AN1183 Datasheet HTML 6Page - Microchip Technology AN1183 Datasheet HTML 7Page - Microchip Technology AN1183 Datasheet HTML 8Page - Microchip Technology AN1183 Datasheet HTML 9Page - Microchip Technology AN1183 Datasheet HTML 10Page - Microchip Technology AN1183 Datasheet HTML 11Page - Microchip Technology AN1183 Datasheet HTML 12Page - Microchip Technology AN1183 Datasheet HTML 13Page - Microchip Technology AN1183 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Serial Memory Products
Wafer-Level Burn-In
Main Goals – Zero Defects
Full verification of data sheet parameters for
functional compliance at die and package
level.
Removal of manufacturing defects to ensure
highest quality and reliability.
Screening out of functional devices that may
fail in the future.
1: Wafer Probe
Full functional
tests on 100% of
die and bits;
85ºC or 125ºC
5000 erase/write
cycles on all bits
Key Aspects:
Endurance Testing
MAVERICK
HVST
TVPP
• 250ºC up to 24 hours
• Equivalent to 100
years at 85ºC
Key Aspects:
Functional Test
Verify Margins
GBN
EDIO
LVHF
SBY
2: Wafer Probe
2nd 100% bit
test (25ºC)
full-functional
screen
Any die with charge loss in
any cell between the
2 probes is rejected to
prevent infant mortality
Retention Bake
3:
Assembly
& Final
Test
Microchip’s Triple Test and
Wafer-level Burn-in Procedure
Moving beyond traditional burn-in to wafer level burn-in with the Triple
Test Flow specifically targeted for memory cells has helped create the
industry’s most reliable memory products.
Extensive Testing – Every cell in every die is tested three times,
including specific endurance and data retention tests to ensure
highest quality.
HVST, LVHF and TVPP tests target specific defects.
Maverick, SBY and GBN target overall failure patterns and trends.
Insight into failure modes along with flexible test flow ensures
continues improvement.
Traditional Burn-in
(Old Technology)
General purpose non-specific testing procedure
for random logic cells
Non-specific and untargeted testing
mechanism – Increases failure rates.
Expensive, time consuming and inefficient.
Introduces defect modes like bent leads
and EOS that sometimes go undetected
.
Triple Test Flow
Microchip tests every cell in wafer form twice, then performs a final test after assembly.
Microchip’s best-in-class field performance is the combined result of world class
manufacturing, wafer level burn-in and wafer probe quality screens.
Microchip’s Triple Test Flow is currently the most robust testing procedure for serial EEPROM devices in the
industry. It tests each cell of each die three times and also performs extensive endurance and data retention tests
to ensure quality and reliability.
Infant mortality of Microchip serial EEPROMs is among the lowest in the industry due to this extensive testing,
excellent fabrication and highly reliable memory cell design.
Good Die in a Bad Neighborhood (GBN) and
Edge Die Ink Out (EDIO)
Special algorithms target devices that function, but are
suspect because of their proximity to clusters of failing
devices or edge die.
Wafer Probe Quality Screens
Microchip performs additional in-house testing during wafer
probe to ensure quality and eliminate any devices that are
outside the normal distribution or might possibly fail in the
future.
High Voltage Stress Test (HVST)
HVST targets weak devices with oxide defects in RAM and logic
circuits by stressing the oxides at higher than normal voltages.
Time at Vpp (TVPP)
TVPP targets oxide defects in EEPROM cells, charge pumps
and other high-voltage circuits. Programming voltages (VPP) are
applied to the memory array for an extended period of time in
order to highlight any weak devices.
Low Voltage High Frequency (LVHF)
LVHF targets signal paths that are partially blocked and therefore
more resistive than normal. LVHF eliminates these devices by
requiring them to operate faster than specified and at voltages
lower than specified.
What Does All of This Mean?
<<1 PPM Field Failures
Best-in-class endurance
Industry-leading data retention
Failing Die
Passing Die
Rejected by
GBN screen
Rejected by
EDIO screen
Rejected by
EDIO screen
(Concept)


Similar Part No. - AN1183

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1181 STMICROELECTRONICS-AN1181 Datasheet
64Kb / 7P
   ELECTROSTATIC DISCHARGE SENSITIVITY MEASUREMENT
logo
NXP Semiconductors
AN11841 NXP-AN11841 Datasheet
700Kb / 21P
   PN7150 Arduino SBC Kit Quick Start Guide
Rev. 1.2-19 August 2016
AN11842 NXP-AN11842 Datasheet
522Kb / 17P
   BeagleBone Black SBC Kit Quick Start Guide
Rev. 1.0-18 May 2015
AN11844 NXP-AN11844 Datasheet
1Mb / 21P
   PN7120 Arduino SBC Kit Quick Start Guide
Rev. 1.4-25 July 2018
AN11879 NXP-AN11879 Datasheet
1Mb / 53P
   TEA19361T GreenChip SMPS control IC
Rev. 1.1-5 October 2017
More results

Similar Description - AN1183

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
National Semiconductor ...
AN-1192 NSC-AN-1192 Datasheet
548Kb / 21P
   broad portfolio of monolithic power integrated circuits covering power levels
logo
ams AG
KBDELPS2.D2 AMSCO-KBDELPS2.D2 Datasheet
1Mb / 25P
   The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
Version 1.1 2022-11-16
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
ATMEL Corporation
AT90USBKEY ATMEL-AT90USBKEY Datasheet
548Kb / 8P
   Atmel Crypto Products Portfolio
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
   High Performance Serial MRAM Memory
Feb.21.23
logo
OmniVision Technologies...
OH02A10 OMNIVISION-OH02A10 Datasheet
742Kb / 2P
   Best-In-Class Image Quality
logo
Bel Fuse Inc.
TET3200-12-069XA BEL-TET3200-12-069XA Datasheet
1Mb / 24P
   Best-in-class, Titanium efficiency
TET3000-12-069RA BEL-TET3000-12-069RA Datasheet
2Mb / 25P
   Best-in-class, Titanium efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com