Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2011AC Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616LV2011AC
Description  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2011AC Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS616LV2011AC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2011AC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2011AC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2011AC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2011AC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2011AC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2011AC Datasheet HTML 9Page - Brilliance Semiconductor BS616LV2011AC Datasheet HTML 10Page - Brilliance Semiconductor BS616LV2011AC Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
R0201-BS616LV2011
Revision 2.5
April 2002
9
BS616LV2011
BSI
PACKAGE DIMENSIONS
1
24
24
D
1
CL
HD
48
SECTION A-A
BASE METAL
WITH PLATING
c c1
b1
b
0.0236 0.006
0.020 0.004
0.004 ~ 0.006
0.004 ~ 0.008
0.008 0.001
0.009 0.002
0.0433 0.004
0 ~ 8
0.004 Max.
0.0315 0.004
0.708 0.008
0.472 0.004
0.645 0.004
0.039 0.002
0.004 0.002
25
"A"
25
Seating Plane
48
D
y
L1
y
L
HD
e
E
SYMBOL
UNIT
b
c1
b1
c
A2
A1
A
16.40 0.10
0.50 0.10
0.80 0.10
0.60 0.15
18.00 0.20
12.00 0.10
0 ~ 8
0.1 Max.
0.10 ~ 0.16
0.10 ~ 0.21
0.20 0.03
0.22 0.05
1.00 0.05
0.10 0.05
1.10 0.10
MM
INCH
12 (2x)
"A" DETAIL VIEW
L1
GAUGE PLANE
SEATING PLANE
12 (2x)
L
A
A
TSOP1-48PIN
24
25
1
48
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
/WE
CE2
NC
/UB
/LB
NC
NC
A7
A6
A5
A4
A3
A2
A1
9
10
13
16
17
A16
NC
VSS
IO15
IO7
IO14
IO6
IO13
IO5
IO12
IO4
VCC
IO11
IO3
IO10
IO2
IO9
IO1
IO8
IO0
/OE
VSS
/CE
A0
47
48TSOP(I)-12x18mm
Pkg Type :
37
27
46


Similar Part No. - BS616LV2011AC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010EC BSI-BS616LV2010EC Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010EI BSI-BS616LV2010EI Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012AC BSI-BS616LV2012AC Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2011AC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Brilliance Semiconducto...
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com