Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0700L6L-T Datasheet(PDF) 5 Page - AZ Displays

Part # ATM0700L6L-T
Description  LIQUID CRYSTAL DISPLAY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0700L6L-T Datasheet(HTML) 5 Page - AZ Displays

  ATM0700L6L-T Datasheet HTML 1Page - AZ Displays ATM0700L6L-T Datasheet HTML 2Page - AZ Displays ATM0700L6L-T Datasheet HTML 3Page - AZ Displays ATM0700L6L-T Datasheet HTML 4Page - AZ Displays ATM0700L6L-T Datasheet HTML 5Page - AZ Displays ATM0700L6L-T Datasheet HTML 6Page - AZ Displays ATM0700L6L-T Datasheet HTML 7Page - AZ Displays ATM0700L6L-T Datasheet HTML 8Page - AZ Displays ATM0700L6L-T Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ATM0700L6L-T(AZ DISPLAYS) TFT MODULE VER1.0
AZ DISPLAYS
4
3.0 PIN ASSIGNMENT
Connector on LCM : HIROSE DF19G-20P-1H or compatible,mating with HIROSE DF19-20S-1C or
compatible
Pin No.
Symbol
Function
1
TX0-
Negative LVDS differential data input(R0-R5,G0)*3
2
TX0+
Positive LVDS differential data input(R0-R5,G0)*3
3
VSS*1
GROUND
4
TX1-
Negative LVDS differential data input(G1-G5,B0-B1)*3
5
TX1+
Positive LVDS differential data input(G1-G5,B0-B1)*3
6
VSS*1
GROUND
7
TX2-
Negative LVDS differential data input(B2-R5,HS,VS,DE)*3
8
TX2+
Positive LVDS differential data input(B2-R5,HS,VS,DE)*3
9
VSS*1
GROUND
10
CLK-
Clock Signal(-)
11
CLK+
Clock signal(+)
12
VSS*1
GROUND
13
NC*2
Non Connection(open)
14
NC*2
Non Connection(open)
15
VDD
+3.3V POWER SUPPLY FOR LOGIC AND LCM POWER
16
VDD
+3.3V POWER SUPPLY FOR LOGIC AND LCM POWER
17
BL_A
Backlight anode(Reserved for backlight anode input)
18
BL_K
Backlight cathode(Reserved for backlight cathode input)
19
NC
NO CONNECTION
20
VSS*1
GROUND
Connector of BL cable: Molex 51004-0200 or compatible, mating with Molex 53015-0210 or compatible
Pin No.
Symbol
Function
1
A(pink)
Anode electrode
2
K(black)
Cathode electrode
NOTE 1) PLEASE CONNECT VSS PIN TO GROUND. DONT USE IT AS NO-CONNECT NOR CONNECTION WITH HIGH IMPEDANCE.
NOTE 2) PLEASE CONNECT NC PIN TO NOTHING. DONT CONNECT IT TO GROUND NOR TO OTHER SIGNAL INPUT.
NOTE 3) REFER TO NEXT PAGE.


Similar Part No. - ATM0700L6L-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0700L6L-OCT AZDISPLAYS-ATM0700L6L-OCT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0700L6L-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com