Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0900D1 Datasheet(PDF) 9 Page - AZ Displays

Part # ATM0900D1
Description  LIQUID CRYSTAL DISPLAY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0900D1 Datasheet(HTML) 9 Page - AZ Displays

Back Button ATM0900D1 Datasheet HTML 5Page - AZ Displays ATM0900D1 Datasheet HTML 6Page - AZ Displays ATM0900D1 Datasheet HTML 7Page - AZ Displays ATM0900D1 Datasheet HTML 8Page - AZ Displays ATM0900D1 Datasheet HTML 9Page - AZ Displays ATM0900D1 Datasheet HTML 10Page - AZ Displays ATM0900D1 Datasheet HTML 11Page - AZ Displays ATM0900D1 Datasheet HTML 12Page - AZ Displays ATM0900D1 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
3.1.1.
Typical Operation Conditions
(GND=AVSS=0V, Note 1)
Values
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
DVDD
3.0
3.3
3.6
V
Note 2
AVDD
10.2
10.4
10.6
V
VGH
16.3
17.0
17.7
V
Power voltage
VGL
-5.7
-5.0
-4.3
V
Input signal voltage
VCOM
3.2
4.2
5.2
V
Note 4
Input logic high voltage
VIH
0.7 DVDD
-
DVDD
V
Input logic low voltage
VIL
0
-
0.3 DVDD
V
Note 3
Note 1: Be sure to apply DVDD and VGL to the LCD first, and then apply VGH.
Note 2: DVDD setting should match the signals output voltage (refer to Note 3) of
customer’s system board.
Note 3: DCLK,HS,VS,RESET,U/D, L/R,DE,R0~R7,G0~G7,B0~B7,MODE,DITHB.
Note 4: Typical VCOM is only a reference value, it must be optimized according to each
LCM. Be sure to use VR.
ATM0900D1(AZ DISPLAYS) TFT MODULE VER1.0
AZ DISPLAYS
6


Similar Part No. - ATM0900D1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0900L1A AZDISPLAYS-ATM0900L1A Datasheet
913Kb / 21P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0900D1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com