Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1020 Datasheet(PDF) 9 Page - Microchip Technology

Part # AN1020
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1020 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AN1020 Datasheet HTML 5Page - Microchip Technology AN1020 Datasheet HTML 6Page - Microchip Technology AN1020 Datasheet HTML 7Page - Microchip Technology AN1020 Datasheet HTML 8Page - Microchip Technology AN1020 Datasheet HTML 9Page - Microchip Technology AN1020 Datasheet HTML 10Page - Microchip Technology AN1020 Datasheet HTML 11Page - Microchip Technology AN1020 Datasheet HTML 12Page - Microchip Technology AN1020 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Serial Memory Products
9
The Serial Advantage – Not Just Price
Feature
Traditional Parallel SRAM
Microchip Serial SRAM
I/O Connection to MCU
16-20
4
Standby Current
3 mA
1 μA
Active Current
50 mA
1-10 mA
Lowest Operating Voltage
3.0V
1.7V
Footprint
100 mm2
20 mm2
Smallest Packages
28-TSSOP, 28-SOIC
8-TSSOP, 8-SOIC
Do you need a simple, inexpensive way to add RAM to
your application? Microchip offers external RAM where
you need it.
Microchip’s new serial SRAM family provides a way to easily and
inexpensively add external RAM to almost any application. These serial
devices use less power and fewer I/O connections than traditional parallel
SRAM. And, they allow designers to use a smaller microcontroller rather than
moving to a larger microcontroller just to get more on-board RAM.
Serial SRAM
Flexible RAM Expansion
Quickly and easily add external high-speed SRAM
8 and 32 Kbyte options
20 MHz clock speed
Low standby and operating currents
Fast writes with zero latency
Unlimited endurance
8-SOIC, 8-TSSOP, 8-PDIP
Increased Performance
Add features to your current microcontroller
and get to market faster
Add functionality to your current design
No need to buy a large microcontroller just for the RAM
Familiar 4-pin SPI interface
Cost reduce your current design
Scratchpad, buffering, high endurance applications
Applications: metering, POS terminals, printers, internet radio,
ethernet, Wi-Fi
Replace parallel RAM
Any application needing low cost RAM
23A640
16 MHz
1.5V-1.95V
23K640
20 MHz
2.7V-3.6V
64 Kb
23A256
16 MHz
23K256
20 MHz
256 Kb
Parallel
SRAM
www.microchip.com/sram


Similar Part No. - AN1020

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1025 MICROCHIP-AN1025 Datasheet
527Kb / 8P
   Converting A 5.0V Supply Rail To A Regulated 3.0V
2006
More results

Similar Description - AN1020

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
National Semiconductor ...
AN-1192 NSC-AN-1192 Datasheet
548Kb / 21P
   broad portfolio of monolithic power integrated circuits covering power levels
logo
ams AG
KBDELPS2.D2 AMSCO-KBDELPS2.D2 Datasheet
1Mb / 25P
   The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
Version 1.1 2022-11-16
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
ATMEL Corporation
AT90USBKEY ATMEL-AT90USBKEY Datasheet
548Kb / 8P
   Atmel Crypto Products Portfolio
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
   High Performance Serial MRAM Memory
Feb.21.23
logo
OmniVision Technologies...
OH02A10 OMNIVISION-OH02A10 Datasheet
742Kb / 2P
   Best-In-Class Image Quality
logo
Bel Fuse Inc.
TET3200-12-069XA BEL-TET3200-12-069XA Datasheet
1Mb / 24P
   Best-in-class, Titanium efficiency
TET3000-12-069RA BEL-TET3000-12-069RA Datasheet
2Mb / 25P
   Best-in-class, Titanium efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com