Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2410RL-05W-B40-C00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2410RL-05W-B40-C00
Description  GENERAL SPECIFICATIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2410RL-05W-B40-C00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2410RL-05W-B40-C00 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMINEBEA.COM
Units: inch
(mm)
Rotation: Clockwise
Airflow Outlet: Air Out Over Struts
*1: Average Values in Free Air
-10°C ~ +70°C (Operating)
-40°C ~ +70°C (Storage)
(non-condensing environment)
10M Ω or over with a DC500V Megger
AC 700V 1s
Auto Restart/Polarity Protection
2410RL (60 X 25L)
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
MODEL
Voltage
Voltage
Power
Air Flow
Pressure
Product
(V)
(V)
(A)*1
(W)*1
(min-1)*1
CFM*1 (m3/min)*1 in H2O
(Pa)*1
(dB)*1
(g)
No.
2410RL-04W-B10-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
2410RL-04W-B20-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
2410RL-04W-B30-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
2410RL-04W-B40-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
2410RL-04W-B50-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
2410RL-04W-B60-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
2410RL-04W-B70-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
2410RL-05W-B10-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
2410RL-05W-B20-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
2410RL-05W-B30-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
2410RL-05W-B40-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
2410RL-05W-B50-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
2410RL-05W-B60-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
2410RL-05W-B70-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Product
No.
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
(m
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
O
(Pa)
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
Voltage
Voltage
Power
Air Flow
Pressure
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
Voltage
Voltage
Power
Air Flow
Pressure
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
Voltage
Voltage
Power
Air Flow
Pressure
(V)
(V)
(A)
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
Voltage
Voltage
Power
Air Flow
Pressure
(W)
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
Voltage
Voltage
Power
Air Flow
Pressure
(min
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
Voltage
Voltage
Power
Air Flow
Pressure
(dB)
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
Voltage
Voltage
Power
Air Flow
Pressure
(V)
(V)
(A)
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
(g)
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
Rated
Operating
Current
Input
Speed
Max.
Max. Static
Noise
Mass
Voltage
Voltage
Power
Air Flow
Pressure
-
X00
12
6.0 ~ 13.8
0.05
0.60
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
12
6.0 ~ 13.8
0.08
0.96
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
12
6.0 ~ 13.8
0.10
1.20
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
12
6.0 ~ 13.8
0.12
1.56
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
12
6.0 ~ 13.8
0.15
1.80
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
12
6.0 ~ 13.8
0.20
2.40
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
12
6.0 ~ 13.8
0.27
3.24
5300
28.5
0.81
.27
69.1
38.0
65
-
X00
24
15.0 ~ 27.6
0.04
0.96
2550
13.0
0.37
.06
17.2
19.0
65
-
X00
24
15.0 ~ 27.6
0.05
1.20
3000
15.5
0.44
.09
23.4
22.5
65
-
X00
24
15.0 ~ 27.6
0.07
1.68
3550
18.3
0.52
.13
32.3
27.0
65
-
X00
24
15.0 ~ 27.6
0.08
1.92
4050
21.5
0.61
.17
41.7
30.5
65
-
X00
24
10.0 ~ 27.6
0.08
1.92
4500
24.0
0.68
.20
51.3
33.5
65
-
X00
24
10.0 ~ 27.6
0.09
2.16
4900
26.4
0.75
.24
60.3
36.5
65
-
X00
24
10.0 ~ 27.6
0.10
2.40
5300
28.5
0.81
.27
69.1
38.0
65
AIR
NAME
PLATE
.169
4 – (φ4.3 ±0.2)
1.97
(50.0 ±0.3)
2.36
(60.0 ±0.5)
0.98
(25.0 ±0.5)
ROTATION
Casing
: Plastic (Black) 94V-0
Impeller : Plastic (Black) 94V-0
Bearing : Ball Bearing
Lead Wire : UL1007, AWG24, +Red, -Black
2.28
(58.0)
1.97
(50.0)
2.56
(φ65.
0)
INLET SIDE
4 – (φ4.3)
.169
2.28
(58.0)
1.97
(50.0)
2.25
(φ57.
0)
OUTLET SIDE
4 – (φ4.3)
.169
0
0.1 0.2 0.3 0.4
0.5 0.6 0.7 0.8 0.9
60
70
80
50
40
30
20
10
(Pa)
(m3/min)
Air Flow
Ps
CFM
In H2
In H
In H O
3.5
7
10.6 14.1 17.6 21.1 24.7 28.2 31.7
.04
.08
.12
.16
.20
.24
.28
.32
B50
B60
B70
B40
B30
B20
B10


Similar Part No. - 2410RL-05W-B40-C00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2410 ETC2-2410 Datasheet
395Kb / 1P
   CAPTIVE PANEL SCREWS
logo
Bourns Electronic Solut...
2410 BOURNS-2410 Datasheet
158Kb / 2P
   5-Pin Multi-Stage Protector (MSP)
logo
TEKTRONIX, INC.
2410 TEKTRONIX-2410 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
logo
Heyco.
2410 HEYCO-2410 Datasheet
106Kb / 1P
   Snap Bushings
logo
Bourns Electronic Solut...
2410-31-G-BC-S BOURNS-2410-31-G-BC-S Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
More results

Similar Description - 2410RL-05W-B40-C00

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com