Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2025DC Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616LV2025DC
Description  Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2025DC Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS616LV2025DC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 9Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 10Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Revision 2.4
April 2002
9
BSI
BS616LV2025
R0201-BS616LV2025
WRITE CYCLE2 (1,6)
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE2, CE1 and WE low.
All signals must be active to initiate a write and any one signal can terminate
a write by going inactive. The data input setup and hold timing should be referenced to the
second transition edge of the signal that terminates the write.
3. TWR is measured from the earlier of CE2 going low, or CE1 or WE going high at the end of write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite
phase to the outputs must not be applied.
5. If the CE2 high transition or CE1 low transition or LB,UB low transition occurs simultaneously with the WE low transitions
or after the WE transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL ).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE2 is high or CE1 is low during this period, DQ pins are in the output state. Then the
data input signals of opposite phase to the outputs must not be applied to them.
10. Transition is measured
500mV from steady state with CL = 30pF as shown in Figure 1B.
The parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE2 going high or CE1 going low to the end of write.
±
t WC
t CW
(11)
(2)
t WP
t AW
t WHZ
(4,10)
t AS
t WR
(3)
t DH
t DW
D
IN
D
OUT
WE
CE1
ADDRESS
t DH
(7)
(8)
(8,9)
CE2
LB,UB
t BW
(5)
(5)


Similar Part No. - BS616LV2025DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AC BSI-BS616LV2020AC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AI BSI-BS616LV2020AI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DC BSI-BS616LV2020DC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DI BSI-BS616LV2020DI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results

Similar Description - BS616LV2025DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2023 BSI-BS616LV2023 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616UV2021 BSI-BS616UV2021 Datasheet
254Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com