Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMF553011M0000BLEK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMF553011M0000BLEK
Description  Metal Film Resistors, Industrial, Precision
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMF553011M0000BLEK Datasheet(HTML) 2 Page - Vishay Siliconix

  CMF553011M0000BLEK Datasheet HTML 1Page - Vishay Siliconix CMF553011M0000BLEK Datasheet HTML 2Page - Vishay Siliconix CMF553011M0000BLEK Datasheet HTML 3Page - Vishay Siliconix CMF553011M0000BLEK Datasheet HTML 4Page - Vishay Siliconix CMF553011M0000BLEK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 09-Sep-13
2
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
(1) Tolerances of ± 0.5 % (D), ± 0.25 % (C) and ± 0.1 % (B) are available only in 50 ppm and 25 ppm temperature coefficients.
Notes
(2) Lead length for product in bulk pack. For product supplied in tape and reel, the actual lead length would be based on the body size, tape
spacing and lead trim.
(3) Available with 0.032" (0.813 mm) lead [CMF60..95]
(4) 0.260" ± 0.020" (6.60 mm ± 0.51 mm) for values > 5 M
GLOBAL PART NUMBER INFORMATION
DIMENSIONS in inches (millimeters)
GLOBAL MODEL
A
B
C
(Max.)
D
CMF50
0.150 ± 0.020
(3.81 ± 0.51)
0.065 ± 0.015
(1.65 ± 0.38)
0.187 (4.75)
0.016 ± 0.002
(0.41 ± 0.05)
CMF55
0.240 ± 0.020 (4)
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.20)
0.290 (7.37)
0.025 ± 0.002
(0.64 ± 0.05)
CMF60
0.344 ± 0.031
(8.74 ± 0.79)
0.145 ± 0.015
(3.68 ± 0.38)
0.425 (10.80)
0.025 ± 0.002 (3)
(0.64 ± 0.05)
CMF65
0.562 ± 0.031
(14.27 ± 0.79)
0.180 ± 0.015
(4.57 ± 0.38)
0.687 (17.45)
0.025 ± 0.002
(0.64 ± 0.05)
CMF70
0.562 ± 0.031
(14.27 ± 0.79)
0.180 ± 0.015
(4.57 ± 0.38)
0.687 (17.45)
0.032 ± 0.002
(0.81 ± 0.05)
CMF07
0.240 ± 0.020
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.20)
0.290 (7.37)
0.025 ± 0.002
(0.64 ± 0.05)
CMF20
0.375 ± 0.040
(9.53 ± 1.02)
0.145 ± 0.015
(3.68 ± 0.38)
0.425 (10.80)
0.032 ± 0.002
(0.81 ± 0.05)
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CMF50
CMF55
CMF07
CMF60
CMF20
CMF65
CMF70
Maximum Working Voltage
V
200
 250
 250
 500
500
 500
 500
Insulation Voltage (1 Min)
Veff
> 500
Voltage Coefficient (Max.)
ppm/V
± 5 (measured between 10 % and full rated voltage)
Dielectric Strength
VAC
450
450
450
750
750
900
900
Insulation Resistance
1011
Operating Temperature Range
°C
-55 to +175
Terminal Strength (Pull Test)
lb
2
2
5
2
5
2
5
Noise
dB
0.10 μV/V over a decade of frequency, with low and intermediate resistance values typically
below 0.05 μV/V
Weight (Max.)
g
0.12
0.28
0.28
0.50
0.60
1.00
1.10
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING
CODE
(See Standard
R =
Ω
B = ± 0.1 %
E = 25 ppm
EK = Lead (Pb)-free, bulk
EA = Lead (Pb)-free, T/R (full)
EB = Lead (Pb)-free,
T/R (1000 pieces)
Electrical
K = k
Ω
C = ± 0.25 %
H = 50 ppm
Specifications
M = M
Ω
D = ± 0.5 %
K = 100 ppm
table)
R10000 = 0.1
Ω
F = ± 1 %
L = 150 ppm
680K00 = 680 k
Ω
G = ± 2 %
N = 200 ppm
1M0000 = 1.0 M
Ω
J = ± 5 %
New Global Part Numbering: CMF55301R00FKRE (preferred part numbering format)
C
M
F
5
5
3
0
1
R
00F
K
R
E
Historical Part Number example: CMF-553010FT-1 (will continue to be accepted)
6
3
R
1
-
T
F
0
1
0
3
5
5
-
F
M
C
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
TEMP. COEFFICIENT
PACKAGING
Blank = Standard
(Dash Number)
(Up to 3 digits)
From 1 to 999
as applicable
70 = Color banded,
5 bands (
≤ 1 %)
80 = Color banded,
4 bands (
≥ 2 %)
88 = Hot solder dip
SPECIAL
TEMPERATURE
COEFFICIENT (1)
BF = Tin/lead, bulk
RE = Tin/lead, T/R (full)
R6 = Tin/lead, T/R (1000 pieces)
B
D
C
(Max.)
1.500 ± 0.125 (2)
(38.10 ± 3.18)
A


Similar Part No. - CMF553011M0000BLEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMF55 VISHAY-CMF55 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
Bourns Electronic Solut...
CMF55 BOURNS-CMF55 Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMF55 VISHAY-CMF55 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results

Similar Description - CMF553011M0000BLEK

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 02-May-13
CMFINDUSTRIAL VISHAY-CMFINDUSTRIAL Datasheet
159Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 24-Apr-14
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Mar-10
GSR VISHAY-GSR Datasheet
77Kb / 3P
   Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
Revision: 19-Nov-12
CMFNON-MAGNETIC VISHAY-CMFNON-MAGNETIC Datasheet
151Kb / 5P
   Metal Film Resistors, Non-Magnetic, Industrial, Precision
Revision: 23-Apr-14
CPF VISHAY-CPF Datasheet
98Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Sep-13
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 19-Nov-12
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com