Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2018AI Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV2018AI
Description  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2018AI Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV2018AI Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2018AI Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2018AI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2018AI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2018AI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2018AI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2018AI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2018AI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2018AI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Revision 2.0
April 2002
1
R0201-BS616LV2018
Very Low Power/Voltage CMOS SRAM
128K X 16 bit
• Very low operation voltage : 2.4 ~ 3.6V
• Very low power consumption :
Vcc = 3.0V
C-grade: 16mA (Max.) operating current
I -grade: 20mA (Max.) operating current
0.1uA (Typ.) CMOS standby current
• High speed access time :
-70
70ns (Max.) at Vcc = 3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
The BS616LV2018 is a high performance, very low power CMOS Static
Random Access Memory organized as 131,072 words by 16 bits and
operates from a wide range of 2.4V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 0.1uA and maximum access time of 70ns in 3V operation.
Easy
memory
expansion is
provided by active LOW chip
enable(CE), active LOW output enable(OE) and three-state output
drivers.
The BS616LV2018 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616LV2018 is available in DICE form, JEDEC standard 48-pin
TSOP Type I package and 48-ball BGA package.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
Row
Decoder
Memory Array
1024 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A3 A2 A1
Data
Buffer
Input
Control
Gnd
Vcc
OE
WE
CE
DQ15
DQ0
A16
A5
A6
A7
A15
A13
16
16
16
16
14
128
2048
1024
20
A14
A12
A9
A4
A0
A11
A8
Address
Input
Buffer
A10
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
BS616LV2018
G
H
F
E
D
C
A9
A8
D15
D14
VSS
D9
D13
A12
A14
D12
D11
D10
A5
B
A
D8
LB
1
UB
OE
A3
A0
23
A11
A10
A13
A15
WE
D5
A16
A7
A6
D4
D3
D1
D7
D6
D2
A4
A1
A2
45
D0
6
N.C.
VCC
VSS
VCC
N.C.
CE
N.C.
N.C.
N.C.
N.C.
48-ball BGA top view
BSI
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=
3.0V
Vcc=3.0V
Vcc=3.0V
PKG TYPE
BS616LV2018DC
DICE
BS616LV2018TC
TSOP1-48
BS616LV2018AC
0
O C to +70 O C70
0.7 uA
16
mA
BGA-48-0608
BS616LV2018DI
DICE
BS616LV2018TI
TSOP1-48
BS616LV2018AI
-40
O C to +85 O C
2.4V ~3.6V
70
1.5
uA
20
mA
BGA-48-0608


Similar Part No. - BS616LV2018AI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010EC BSI-BS616LV2010EC Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010EI BSI-BS616LV2010EI Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011AC BSI-BS616LV2011AC Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2018AI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Brilliance Semiconducto...
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com