Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2025AC Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS616LV2025AC
Description  Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2025AC Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS616LV2025AC Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2025AC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2025AC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2025AC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2025AC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2025AC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2025AC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2025AC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2025AC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Revision 2.4
April 2002
2
PIN DESCRIPTIONS
BSI
BS616LV2025
R0201-BS616LV2025
Name
Function
A0-A16 Address Input
These 17 address inputs select one of the 131,072 x 16-bit words in the RAM.
SAE Address Input
This address input incorporates with the above 17 address input select one of the
262,144 x 8-bit bytes in the RAM if the CIO is LOW. Don't use when CIO is HIGH.
CIO x8/x16 select input
This input selects the organization of the SRAM. 131,072 x 16-bit words configuration
is selected if CIO is HIGH. 262,144 x 8-bit bytes configuration is selected if CIO is
LOW.
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active to read
from or write to the device. If either chip enable is not active, the device is deselected
and is in a standby power mode. The DQ pins will be in the high impedance state
when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins. The chip is deselected when
both LB and UB pins are HIGH.
D0 - D15 Data Input/Output Ports
These 16 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground


Similar Part No. - BS616LV2025AC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AC BSI-BS616LV2020AC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AI BSI-BS616LV2020AI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DC BSI-BS616LV2020DC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DI BSI-BS616LV2020DI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results

Similar Description - BS616LV2025AC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2023 BSI-BS616LV2023 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616UV2021 BSI-BS616UV2021 Datasheet
254Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com