Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV4010DC Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616LV4010DC
Description  Very Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4010DC Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616LV4010DC Datasheet HTML 1Page - Brilliance Semiconductor BS616LV4010DC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4010DC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4010DC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4010DC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4010DC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4010DC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4010DC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4010DC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Revision 2.3
April. 2002
3
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1 ) MAX.
UNITS
VIL
Guaranteed Input Low
Voltage (2)
Vcc=3.0V
-0.5
--
0.8
V
VIH
Guaranteed Input High
Voltage (2)
Vcc=3.0V
2.0
--
Vcc+0.2
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
Vcc=3.0V
--
--
1
uA
IOL
Output Leakage Current
Vcc = Max, CE = V
VI/O = 0V to Vcc
IH
, or OE = VIH,
--
--
1
uA
VOL
Output Low Voltage
= 2mA
Vcc = Max, IOL
Vcc=3.0V
--
--
0.4
V
VOH
Output High Voltage
= -1mA
Vcc = Min, IOH
Vcc=3.0V
2.4
--
--
V
ICC
Operating Power Supply
Current
CE = VIL, IDQ = 0mA, F =Fmax
(3)
Vcc=3.0V
--
--
20
mA
ICCSB
Standby Current-TTL
IH
, IDQ = 0mA
CE = V
Vcc=3.0V
--
--
1
mA
ICCSB1
Standby Current-CMOS
CE
V
Vcc-0.2V,
IN
Vcc - 0.2V or VIN
0.2V
Vcc=3.0V
--
0.5
8
uA
R0201-BS616LV4010
SYMBOL
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
VDR
Vcc for Data Retention
CE
Vcc - 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE
Vcc - 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
--
0.3
1
uA
tCDR
Chip Deselect to Data
Retention Time
0--
-
n
-s
tR
Operation Recovery Time
See Retention Waveform
TRC (2)
--
--
ns
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C2.7V ~ 3.6V
Industrial
-40 O C to +85 O C2.7V ~ 3.6V
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
DATA RETENTION CHARACTERISTICS ( TA = 0 to + 70oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not tested.
DC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC )
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal
Voltage
with
Respect to GND
-0.5 to
Vcc+0.5
V
TBIAS
Temperature Under Bias
-40 to +125
O C
TSTG
Storage Temperature
-60 to +150
O C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
BSI
BS616LV4010
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT


Similar Part No. - BS616LV4010DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4011 BSI-BS616LV4011 Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4011AC BSI-BS616LV4011AC Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4011AI BSI-BS616LV4011AI Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4011BC BSI-BS616LV4011BC Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4011BI BSI-BS616LV4011BI Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616LV4010DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4015 BSI-BS616LV4015 Datasheet
228Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
BS616LV4018 ETC1-BS616LV4018 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4016 BSI-BS616LV4016 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4011 BSI-BS616LV4011 Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_08 Datasheet
247Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com