Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCKNP02SJ0151A10 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MCKNP02SJ0151A10
Description  Wire Wound Fixed Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCKNP02SJ0151A10 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MCKNP02SJ0151A10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCKNP02SJ0151A10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCKNP02SJ0151A10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCKNP02SJ0151A10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCKNP02SJ0151A10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCKNP02SJ0151A10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCKNP02SJ0151A10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCKNP02SJ0151A10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCKNP02SJ0151A10 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Wire Wound Fixed Resistors
Page <10>
14/07/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Description
Part Number
Resistor, Wire Wound, 3.3R, 5%, 10WS
MCKNP0ASJ033JB00
Resistor, Wire Wound, 10R, 5%, 10WS
MCKNP0ASJ0100B00
Resistor, Wire Wound, 1R, 1%, 10W
MCKNP0ASF100KB00
Resistor, Wire Wound, 2R, 1%, 10W
MCKNP0ASF200KB00
Resistor, Wire Wound, 10R, 1%, 10W
MCKNP0ASF100JB00
Resistor, Wire Wound, 15R, 1%, 10W
MCKNP0ASF150JB00
Resistor, Wire Wound, 30R, 1%, 10W
MCKNP0ASF300JB00
Resistor, Wire Wound, 100R, 1%, 10W
MCKNP0ASF1000B00
Part Number Table
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2011.
MCKNP
Type
Part Number Explanation:
Feature
W2
Wattage
J
A
1
0
0
Tolerance
025K
Resistance
Value
Packing
Type
Packing
Quantity
Additional
Information
Type
: MCKNP = MCKNP
Feature
: 0 = Standard
Wattage
: Normal : W2 = 1/2 W, 1W = 1 W
Small : 1S = 1 W-S, AS = 10 W-S
Extra Small : 3U = 3 W-SS
Tolerance
: J = ±5%, F = ±1%
Resistance Value
: E - 24 Series:
1st digit is “0” 2nd and 3rd digits are the significant figures of the resistance
4th indicates the number of zeros : “J” to 0.1, “K” to 0.01
Ex.: 4.7
Ω to 47 J, 4.7 KΩ to 472
E - 96 Series:
1st to 33rd digits are the significant figures of the resistance and the 4th digit indicates
the number of zeros
Ex.: 1.33K = 1331.
Packing Type
: A = Tape / Box, B = Bulk / Box.
Packing Quantity
: 1 = 1,000 pieces, A = 500 pieces and 0 = Bulk / Box
Additional Information
: 0 = PT-52 mm, PT-26 mm, 9 = PT-64 mm.


Similar Part No. - MCKNP02SJ0151A10

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MCK-1310 ALTECH-MCK-1310 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1311 ALTECH-MCK-1311 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1312 ALTECH-MCK-1312 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1313 ALTECH-MCK-1313 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1314 ALTECH-MCK-1314 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results

Similar Description - MCKNP02SJ0151A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
logo
RFE international
SKN RFE-SKN Datasheet
971Kb / 3P
   Wire Wound Resistors
OCT-30-2023
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
   Fusible Wire Wound Resistors
19-JUN-2023
logo
List of Unclassifed Man...
GG102A ETC-GG102A Datasheet
598Kb / 1P
   PRECISION WIRE WOUND RESISTORS
logo
UNIOHM CORPORATION
RH-5W UNIOHM-RH-5W Datasheet
233Kb / 1P
   Aluminum Wire Wound Resistors
logo
List of Unclassifed Man...
5G10A ETC-5G10A Datasheet
557Kb / 1P
   PRECISION WIRE WOUND RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com