Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2023AI Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS616LV2023AI
Description  Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2023AI Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS616LV2023AI Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2023AI Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2023AI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2023AI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2023AI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2023AI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2023AI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2023AI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2023AI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Revision 2.4
April 2002
4
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP.(1) MAX.
UNITS
V IL
Guaranteed Input Low
Voltage (2)
Vcc=3.0V
-0.5
--
0.8
V
V IH
Guaranteed Input High
Voltage (2)
Vcc=3.0V
2.0
--
Vcc+0.2
V
I IL
Input Leakage Current
= 0V to Vcc
Vcc = Max, VIN
--
--
1
uA
I OL
Output Leakage Current
Vcc = Max, CE1 = VIH or CE2=V
VI/O = 0V to Vcc
IL
or OE = VIH,
--
--
1
uA
V OL
Output Low Voltage
= 2mA
Vcc = Max, IOL
Vcc=3.0V
--
--
0.4
V
V OH
Output High Voltage
= -1mA
Vcc = Min, IOH
Vcc=3.0V
2.4
--
--
V
I CC
Operating Power Supply
Current
IL
, CE2=VIH
(3)
Vcc=3.0V
Vcc = Max, CE1= V
IDQ = 0mA, F = Fmax
--
--
20
mA
I CCSB
Standby Current TL
Vcc = Max, CE1 = VIHor CE2=VIL
IDQ = 0mA
Vcc=3.0V
--
--
1
mA
I CCSB1
Standby Current MOS
Vcc-0.2V or
0.2V ,
Vcc - 0.2V or VIN 0.2V
Vcc = Max, CE1
CE2
Other inputs
Vcc=3.0V
--
0.1
0.7
uA
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
DC ELECTRICAL CHARACTERISTICS (TA = 0oC to +70oC)
BSI
BS616LV2023
R0201-BS616LV2023


Similar Part No. - BS616LV2023AI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AC BSI-BS616LV2020AC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AI BSI-BS616LV2020AI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DC BSI-BS616LV2020DC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DI BSI-BS616LV2020DI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results

Similar Description - BS616LV2023AI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2025 BSI-BS616LV2025 Datasheet
253Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616UV2021 BSI-BS616UV2021 Datasheet
254Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com