Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2002GSNTR Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2002GSNTR
Description  NiCd/NiMH Fast-Charge Management ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2002GSNTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2002GSNTR Datasheet HTML 3Page - Texas Instruments BQ2002GSNTR Datasheet HTML 4Page - Texas Instruments BQ2002GSNTR Datasheet HTML 5Page - Texas Instruments BQ2002GSNTR Datasheet HTML 6Page - Texas Instruments BQ2002GSNTR Datasheet HTML 7Page - Texas Instruments BQ2002GSNTR Datasheet HTML 8Page - Texas Instruments BQ2002GSNTR Datasheet HTML 9Page - Texas Instruments BQ2002GSNTR Datasheet HTML 10Page - Texas Instruments BQ2002GSNTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
bq2002E/G
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
Notes
VCC
VCC relative to VSS
-0.3
+7.0
V
VT
DC voltage applied on any pin
excluding VCC relative to VSS
-0.3
+7.0
V
TOPR
Operating ambient temperature
0
+70
°C
Commercial
TSTG
Storage temperature
-40
+85
°C
TSOLDER
Soldering temperature
-
+260
°C
10 sec max.
TBIAS
Temperature under bias
-40
+85
°C
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
DC Thresholds (TA = 0 to 70°C; VCC ±20%)
Symbol
Parameter
Rating
Tolerance
Unit
Notes
VTCO
Temperature cutoff
0.5 * VCC
±5%
V
VTS ≤ VTCO inhibits/terminates
fast charge and top-off
VHTF
High temperature fault
0.6
∗ VCC
±5%
VVTS <VHTF inhibits fast charge
start
VMCV
Maximum cell voltage
2
±5%
V
VBAT
≥ VMCV inhibits/terminates
fast charge and top-off
VLBAT
Minimum cell voltage
0.175
∗ VCC
±20%
VVBAT <VLBAT inhibits fast charge
start
-
∆V
BAT input change for
-
∆V detection
-12
±3
mV
PVD
BAT input change for
PVD detection
-2.5
±2.5
mV


Similar Part No. - BQ2002GSNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002GSN TI-BQ2002GSN Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
More results

Similar Description - BQ2002GSNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI-BQ24401 Datasheet
179Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com