Selected language     English  â–¼


SMAJ7.0CA Datasheet(PDF) 6 Page - UN Semiconducctor INC

Part No. SMAJ7.0CA
Description  Surface Mount Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNSEMI [UN Semiconducctor INC]
Homepage  http://www.unsemi.com.tw
Logo 

   
 6 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision October 18, 2013
6 / 7
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SMAJ Series
5.0 To 440 V
400W
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.049
0.064
1.230
1.630
B
0.162
0.179
4.10
4.550
C
0.099
0.109
2.510
2.760
D
0.077
0.089
1.960
2.260
E
0.030
0.060
0.750
1.510
F
-
0.008
-
0.203
G
0.192
0.206
4.87
5.220
H
0.006
0.012
0.152
0.305
I
0.070
-
1.800
-
J
0.082
-
2.100
-
K
-
0.090
-
2.300
L
0.082
-
2.100
-
S M AJ
Ă— Ă—Ă— C A
5% VBR VOLTAGE TOLERANCE
BI-DIRECTIONAL
VR VOLTAGE
SERIES
Dimensions
Part Numbering
DO-214AC (SMA)
Cathode Band




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl